Electronic Components Datasheet Search
  English  ▼

X  

AD8235 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8235
Description  Wide Supply Range, Rail-to-Rail
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8235 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8235 Datasheet HTML 5Page - Analog Devices AD8235 Datasheet HTML 6Page - Analog Devices AD8235 Datasheet HTML 7Page - Analog Devices AD8235 Datasheet HTML 8Page - Analog Devices AD8235 Datasheet HTML 9Page - Analog Devices AD8235 Datasheet HTML 10Page - Analog Devices AD8235 Datasheet HTML 11Page - Analog Devices AD8235 Datasheet HTML 12Page - Analog Devices AD8235 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8426
Rev. 0 | Page 9 of 28
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 8.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
Indefinite
Maximum Voltage at −INx or +INx
−VS + 40 V
Minimum Voltage at −INx or +INx
+VS − 40 V
REFx Voltage
±VS
Storage Temperature Range
−65°C to +150°C
Specified Temperature Range
−40°C to +125°C
Maximum Junction Temperature
130°C
ESD
Human Body Model
1.5 kV
Charged Device Model
1.5 kV
Machine Model
100 V
The θJA value in Table 9 assumes a 4-layer JEDEC standard
board with zero airflow.
Table 9.
Package
θJA
Unit
16-Lead LFCSP (CP-16-19)
86
°C/W
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com