Electronic Components Datasheet Search
  English  ▼

X  

AD5780 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5780
Description  System Ready, 18-Bit 짹1 LSB INL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5780 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5780 Datasheet HTML 20Page - Analog Devices AD5780 Datasheet HTML 21Page - Analog Devices AD5780 Datasheet HTML 22Page - Analog Devices AD5780 Datasheet HTML 23Page - Analog Devices AD5780 Datasheet HTML 24Page - Analog Devices AD5780 Datasheet HTML 25Page - Analog Devices AD5780 Datasheet HTML 26Page - Analog Devices AD5780 Datasheet HTML 27Page - Analog Devices AD5780 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5780
Data Sheet
Rev. C | Page 24 of 28
AD5780 FEATURES
POWER-ON TO 0 V
The AD5780 contains a power-on reset circuit that, as well as
resetting all registers to their default values, controls the output
voltage during power-up. Upon power-on, the DAC is placed in
tristate (its reference inputs are disconnected), and its output is
clamped to AGND through a ~6 kΩ resistor. The DAC remains
in this state until programmed otherwise via the control register.
This is a useful feature in applications where it is important to
know the state of the DAC output while it is in the process of
powering up.
CONFIGURING THE AD5780
After power-on, the AD5780 must be configured to put it into
normal operating mode before programming the output. To
do this, the control register must be programmed. The DAC
is removed from tristate by clearing the DACTRI bit, and the
output clamp is removed by clearing the OPGND bit. At this
point, the output goes to VREFN unless an alternative value is first
programmed to the DAC register.
DAC OUTPUT STATE
The DAC output can be placed in one of three states, controlled
by the DACTRI and OPGND bits of the control register, as
shown in Table 15.
Table 15. Output State Truth Table
DACTRI
OPGND
Output State
0
0
Normal operating mode.
0
1
Output is clamped via ~6 kΩ to AGND.
1
0
Output is in tristate.
1
1
Output is clamped via ~6 kΩ to AGND.
OUTPUT AMPLIFIER CONFIGURATION
There are a number of different ways that an output amplifier
can be connected to the AD5780, depending on the voltage
references applied and the desired output voltage span.
Unity-Gain Configuration
Figure 52 shows an output amplifier configured for unity gain.
In this configuration, the output spans from VREFN to VREFP.
A1
6.8kΩ 6.8kΩ
R1
RFB
18-BIT
DAC
VREFN
VREFP
AD5780
AD8675,
ADA4898-1,
ADA4004-1
RFB
INV
VOUT
VOUT
Figure 52. Output Amplifier in Unity-Gain Configuration
A second unity-gain configuration for the output amplifier is
one that removes an offset from the input bias currents of the
amplifier. It does this by inserting a resistance in the feedback
path of the amplifier that is equal to the output resistance of the
DAC. The DAC output resistance is 3.4 kΩ. By connecting R1
and RFB in parallel, a resistance equal to the DAC resistance is
available on chip. Because the resistors are all on one piece of
silicon, they are temperature coefficient matched. To enable this
mode of operation, the RBUF bit of the control register must be
set to Logic 1. Figure 53 shows how the output amplifier is
connected to the AD5780. In this configuration, the output
amplifier is in unity gain and the output spans from VREFN to
VREFP. This unity-gain configuration allows a capacitor to be
placed in the amplifier feedback path to improve dynamic
performance.
RFB
6.8kΩ
R1
6.8kΩ
10pF
18-BIT
DAC
VREFN = 0V
VREFP
AD5780
AD8675,
ADA4898-1,
ADA4004-1
RFB
INV
VOUT
VOUT
Figure 53. Output Amplifier in Unity Gain with Amplifier Input Bias Current
Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com