Electronic Components Datasheet Search
  English  ▼

X  

80C166 Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # 80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

80C166 Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button 80C166 Datasheet HTML 8Page - Siemens Semiconductor Group 80C166 Datasheet HTML 9Page - Siemens Semiconductor Group 80C166 Datasheet HTML 10Page - Siemens Semiconductor Group 80C166 Datasheet HTML 11Page - Siemens Semiconductor Group 80C166 Datasheet HTML 12Page - Siemens Semiconductor Group 80C166 Datasheet HTML 13Page - Siemens Semiconductor Group 80C166 Datasheet HTML 14Page - Siemens Semiconductor Group 80C166 Datasheet HTML 15Page - Siemens Semiconductor Group 80C166 Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
11
A system stack of up to 512 bytes is provided as a storage for temporary data. The system stack is
allocated in the on-chip RAM area, and it is accessed by the CPU via the stack pointer (SP) register.
Two separate SFRs, STKOV and STKUN, are implicitly compared against the stack pointer value
upon each stack access for the detection of a stack overflow or underflow.
The high performance offered by the hardware implementation of the CPU can efficiently be utilized
by a programmer via the highly efficient SAB 80C166 instruction set which includes the following
instruction classes:
– Arithmetic Instructions
– Logical Instructions
– Boolean Bit Manipulation Instructions
– Compare and Loop Control Instructions
– Shift and Rotate Instructions
– Prioritize Instruction
– Data Movement Instructions
– System Stack Instructions
– Jump and Call Instructions
– Return Instructions
– System Control Instructions
– Miscellaneous Instructions
The basic instruction length is either 2 or 4 bytes. Possible operand types are bits, bytes and words.
A variety of direct, indirect or immediate addressing modes are provided to specify the required
operands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com