Electronic Components Datasheet Search
  English  ▼

X  

AD5791 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5791
Description  Ultra Stable, 16-Bit 짹0.5 LSB INL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5791 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5791 Datasheet HTML 18Page - Analog Devices AD5791 Datasheet HTML 19Page - Analog Devices AD5791 Datasheet HTML 20Page - Analog Devices AD5791 Datasheet HTML 21Page - Analog Devices AD5791 Datasheet HTML 22Page - Analog Devices AD5791 Datasheet HTML 23Page - Analog Devices AD5791 Datasheet HTML 24Page - Analog Devices AD5791 Datasheet HTML 25Page - Analog Devices AD5791 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5760
Data Sheet
Rev. B | Page 22 of 32
Asynchronous DAC Update
In this mode, LDAC is held high while data is being clocked
into the input shift register. The DAC output is asynchronously
updated by taking LDAC low after SYNC has been taken high.
The update now occurs on the falling edge of LDAC.
Reset Function (RESET)
The AD5760 can be reset to its power-on state by two means:
either by asserting the RESET pin or by using the reset function
in the software control register (see
). If the
Table 13
RESET pin
is not used, hardwire it to IOVCC.
Asynchronous Clear Function (CLR)
The CLR pin is an active low clear that allows the output to be
cleared to a user defined value. The 16-bit clearcode value is
programmed to the clearcode register (see
). It is
necessary to maintain
Table 12
CLR low for a minimum amount of time
to complete the operation (see
). When the
Figure 2
CLR signal
is returned high, the output remains at the clear value (if LDAC
is high) until a new value is loaded to the DAC register. The
output cannot be updated with a new value while the CLR pin is
low. A clear operation can also be performed by setting the CLR
bit in the software control register (see
).
Table 13
ON-CHIP REGISTERS
DAC Register
Table 9 outlines how data is written to and read from the DAC
register.
The following equation describes the ideal transfer function of
the DAC:
(
)
REFN
REFN
REFP
OUT
V
D
V
V
V
+
×
−
=
16
2
where:
VREFN is the negative voltage applied at the VREFN input pin.
VREFP is the positive voltage applied at the VREFP input pin.
D is the 16-bit code programmed to the DAC.
Table 8. Hardware Control Pins Truth Table
LDAC
CLR
RESET
Function
X1
X
X
1
0
The AD5760 is in reset mode. The device cannot be programmed.
X1
X
X
1
The AD5760 is returned to its power-on state. All registers are set to their default values.
0
0
1
The DAC register is loaded with the clearcode register value, and the output is set accordingly.
0
1
1
The output is set according to the DAC register value.
1
0
1
The DAC register is loaded with the clearcode register value, and the output is set accordingly.
1
1
The output is set according to the DAC register value.
0
1
The output remains at the clearcode register value.
1
1
The output remains set according to the DAC register value.
0
1
The output remains at the clearcode register value.
1
1
The DAC register is loaded with the clearcode register value and the output is set accordingly.
0
1
The DAC register is loaded with the clearcode register value and the output is set accordingly.
1
1
The output remains at the clearcode register value.
0
1
The output is set according to the DAC register value.
1 X is don’t care.
Table 9. DAC Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19 to DB4
DB3
DB2
DB1
DB0
R/W
Register address
DAC register data
R/W
0
0
1
16 bits of data
X1
X1
X1
X1
1 X is don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com