Electronic Components Datasheet Search
  English  ▼

X  

AD5781 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5781
Description  System Ready, 20-Bit, 짹2LSB INL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5781 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5781 Datasheet HTML 5Page - Analog Devices AD5781 Datasheet HTML 6Page - Analog Devices AD5781 Datasheet HTML 7Page - Analog Devices AD5781 Datasheet HTML 8Page - Analog Devices AD5781 Datasheet HTML 9Page - Analog Devices AD5781 Datasheet HTML 10Page - Analog Devices AD5781 Datasheet HTML 11Page - Analog Devices AD5781 Datasheet HTML 12Page - Analog Devices AD5781 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5790
Rev. B | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AGND
VSS
VSS
VREFN
AD5790
TOP VIEW
(Not to Scale)
VOUT
VREFP
RESET
VDD
VDD
CLR
LDAC
SYNC
DGND
SCLK
2
1
3
4
5
6
7
18
19
17
16
15
14
13
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. NEGATIVE ANALOG SUPPLY CONNECTION (VSS).
A VOLTAGE IN THE RANGE OF –16.5 V TO –2.5 V
CAN BE CONNECTED. VSS SHOULD BE DECOUPLED
TO AGND. THE PADDLE CAN BE LEFT ELECTRICALLY
UNCONNECTED PROVIDED THAT A SUPPLY
CONNECTION IS MADE AT THE VSS PINS. IT IS
RECOMMENDED THAT THE PADDLE BE THERMALLY
CONNECTED TO A COPPER PLANE FOR ENHANCED
THERMAL PERFORMANCE.
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Analog Output Voltage.
2
VREFP
Positive Reference Voltage Input. A voltage in the range of 5 V to VDD − 2.5 V can be connected.
3, 5
VDD
Positive Analog Supply Connection. A voltage in the range of 7.5 V to 16.5 V can be connected. VDD must be
decoupled to AGND.
4
RESET
Active Low Reset. Asserting this pin returns the
AD5790 to its power-on status.
6
CLR
Active Low Input. Asserting this pin sets the DAC register to a user defined value (see
Table 12) and updates the
DAC output. The output value depends on the DAC register coding that is being used, either binary or twos
complement.
7
LDAC
Active Low Load DAC Logic Input. This is used to update the DAC register and, consequently, the analog output.
When tied permanently low, the output is updated on the rising edge of SYNC. If LDAC is held high during the
write cycle, the input register is updated, but the output update is held off until the falling edge of LDAC. The
LDAC pin should not be left unconnected.
8
VCC
Digital Supply. Voltage range is from 2.7 V to 5.5 V. VCC should be decoupled to DGND.
9
IOVCC
Digital Interface Supply. Digital threshold levels are referenced to the voltage applied to this pin. Voltage range is
from 1.71 V to 5.5 V
10, 21, 22, 23
DNC
Do Not Connect. Do not connect to these pins.
11
SDO
Serial Data Output.
12
SDIN
Serial Data Input. This device has a 24-bit input shift register. Data is clocked into the register on the falling edge
of the serial clock input.
13
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data
can be transferred at rates of up to 35 MHz.
14
SYNC
Level-Triggered Control Input (Active Low). This is the frame synchronization signal for the input data. When
SYNC goes low, it enables the input shift register, and data is then transferred in on the falling edges of the
following clocks. The DAC is updated on the rising edge of SYNC.
15
DGND
Ground Reference Pin for Digital Circuitry.
16
VREFN
Negative Reference Voltage Input.
17, 18
VSS
Negative Analog Supply Connection. A voltage in the range of −16.5 V to −2.5 V can be connected. VSS must be
decoupled to AGND.
19
AGND
Ground Reference Pin for Analog Circuitry.
20
RFB
Feedback Connection for External Amplifier. See the
AD5790 Features section for further details.
24
INV
Inverting Input Connection for External Amplifier. See the
AD5790 Features section for further details.
EPAD
VSS
Negative Analog Supply Connection (VSS). A voltage in the range of −16.5 V to −2.5 V can be connected. VSS must
be decoupled to AGND. The paddle can be left electrically unconnected provided that a supply connection is
made at the VSS pins. It is recommended that the paddle be thermally connected to a copper plane for enhanced
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com