Electronic Components Datasheet Search
  English  ▼

X  

AD5760 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5760
Description  System Ready, 18-Bit 짹1 LSB INL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5760 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5760 Datasheet HTML 12Page - Analog Devices AD5760 Datasheet HTML 13Page - Analog Devices AD5760 Datasheet HTML 14Page - Analog Devices AD5760 Datasheet HTML 15Page - Analog Devices AD5760 Datasheet HTML 16Page - Analog Devices AD5760 Datasheet HTML 17Page - Analog Devices AD5760 Datasheet HTML 18Page - Analog Devices AD5760 Datasheet HTML 19Page - Analog Devices AD5760 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5780
Data Sheet
Rev. C | Page 16 of 28
0
1
2
3
4
5
6
7
8
9
10
VREFP = +10V
VREFN = –10V
RC LOW-PASS FILTER
UNITY-GAIN MODE
ADA4898-1 OUTPUT BUFFER
–1
012
TIME (µs)
34
5
Figure 42. 500 Code Step Settling Time
CODE
POSITIVE
CODE CHANGE
NEGATIVE
POSITIVE
VREFP = +10V
VREFN = –10V
UNITY-GAIN MODE
ADA4898-1 OUTPUT BUFFER
RC LOW-PASS FILTER
0
5
10
15
20
25
NEGATIVE
CODE CHANGE
Figure 43. 6 MSB Segment Glitch Energy for ±10 V VREF
CODE
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
NEGATIVE
POSITIVE
VREFP = 10V
VREFN = 0V
UNITY-GAIN MODE
ADA4898-1
OUTPUT BUFFER
RC LOW-PASS FILTER
Figure 44. 6 MSB Segment Glitch Energy for 10 V VREF
0
1
2
3
4
6
5
CODE
NEGATIVE
POSITIVE
VREFP = 5V
VREFN = 0V
UNITY-GAIN MODE
ADA4898-1 OUTPUT BUFFER
RC LOW-PASS FILTER
Figure 45. 6 MSB Segment Glitch Energy for 5 V VREF
–25
–15
–5
5
15
25
35
45
55
–1
0
1
TIME (µs)
23
±10V SPAN
+10V SPAN
+5V SPAN
Figure 46. Midscale Peak-to-Peak Glitch for ±10 V
800
600
400
200
0
–200
–400
–600
0
1
23
4
5
67
8
9
10
TIME (Seconds)
MIDSCALE CODE LOADED
OUTPUT UNBUFFERED
TA = 25°C
VDD = +15V
VSS = –15V
VREFP = +10V
VREFN = –10V
Figure 47. Voltage Output Noise, 0.1 Hz to 10 Hz Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com