Electronic Components Datasheet Search
  English  ▼

X  

AD8141 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8141
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8141 Datasheet HTML 7Page - Analog Devices AD8141 Datasheet HTML 8Page - Analog Devices AD8141 Datasheet HTML 9Page - Analog Devices AD8141 Datasheet HTML 10Page - Analog Devices AD8141 Datasheet HTML 11Page - Analog Devices AD8141 Datasheet HTML 12Page - Analog Devices AD8141 Datasheet HTML 13Page - Analog Devices AD8141 Datasheet HTML 14Page - Analog Devices AD8141 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8141/AD8142
Rev. 0 | Page 11 of 24
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
Figure 24. Small Signal Transient Response, VOCM = 2.5 V (AD8141)
–10
–8
–6
–4
–2
0
2
4
6
8
10
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
1.25
–4
0
4
8
12162024283236
TIME (ns)
INPUT
OUTPUT
ERROR
0.1% SETTLED POINT
0.5% SETTLED POINT
Figure 25. Differential Settling Time
58
56
54
52
50
48
46
44
42
40
38
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
RL, dm = OPEN CIRCUIT
AD8141
AD8142
Figure 26. Positive Power Supply Current vs. Temperature
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
Figure 27. Large Signal Transient Response, VOCM = 2.5 V (AD8141)
7
6
5
4
3
2
1
0
–7
–2
–3
–4
–5
–6
–1
0
100
200
300
400
500
600
700
800
900 1000
TIME (ns)
VS+ = +2.5V
VS– = –2.5V
VOCM = 0V
SINGLE-ENDED DRIVE
2× INPUT
VOUT_DIFF
Figure 28. AD8141 Differential Overdrive Recovery
–35
–37
–39
–41
–43
–45
–47
–49
–51
–53
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
RL, dm = OPEN CIRCUIT
AD8141
AD8142
Figure 29. Negative Power Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com