Electronic Components Datasheet Search
  English  ▼

X  

AD9253 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9253
Description  Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9253 Datasheet HTML 30Page - Analog Devices AD9253 Datasheet HTML 31Page - Analog Devices AD9253 Datasheet HTML 32Page - Analog Devices AD9253 Datasheet HTML 33Page - Analog Devices AD9253 Datasheet HTML 34Page - Analog Devices AD9253 Datasheet HTML 35Page - Analog Devices AD9253 Datasheet HTML 36Page - Analog Devices AD9253 Datasheet HTML 37Page - Analog Devices AD9253 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD9253
Data Sheet
Rev. 0 | Page 34 of 40
MEMORY MAP REGISTER TABLE
The AD9253 uses a 3-wire interface and 16-bit addressing and,
therefore, Bit 0 and Bit 7 in Register 0x00 are set to 0, and Bit 3
and Bit 4 are set to 1. When Bit 5 in Register 0x00 is set high,
the SPI enters a soft reset, where all of the user registers revert
to their default values and Bit 2 is automatically cleared.
Table 17.
ADDR
(Hex)
Parameter Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
0 =
SDO
active
LSB first
Soft
reset
1 =
16-bit
address
1 =
16-bit
address
Soft
reset
LSB first
0 = SDO
active
0x18
The nibbles
are mirrored
so that LSB-
first or MSB-
first mode
registers
correctly. The
default for
ADCs is 16-bit
mode.
0x01
Chip ID (global)
8-bit chip ID, Bits[7:0]
AD9253 0x8F = quad 14-bit 80 MSPS/105 MSPS/125 MSPS serial LVDS
0x8F
Unique chip
ID used to
differentiate
devices; read
only.
0x02
Chip grade
(global)
Open
Speed grade ID[6:4]
100 = 80 MSPS
101 = 105 MSPS
110 = 125 MSPS
Open
Open
Open
Open
Unique
speed grade
ID used to
differentiate
graded
devices; read
only.
Device Index and Transfer Registers
0x05
Device index
Open
Open
Clock
Channel
DCO
Clock
Channel
FCO
Data
Channel
D
Data
Channel
C
Data
Channel
B
Data
Channel
A
0x3F
Bits are set to
determine
which device
on chip
receives the
next write
command.
The default is
all devices on
chip.
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Initiate
override
0x00
Set resolution/
sample rate
override.
Global ADC Function Registers
0x08
Power modes
(global)
Open
Open
External
power-
down
pin
function
0 = full
power-
down
1 =
standby
Open
Open
Open
Power mode
00 = chip run
01 = full power-
down
10 = standby
11 = reset
0x00
Determines
various
generic
modes of chip
operation.
0x09
Clock (global)
Open
Open
Open
Open
Open
Open
Open
Duty
cycle
stabilize
0 = off
1 = on
0x01
Turns duty
cycle stabilizer
on or off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com