Electronic Components Datasheet Search
  English  ▼

X  

ADA4841-1 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4841-1
Description  16-Bit Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-1 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4841-1 Datasheet HTML 16Page - Analog Devices ADA4841-1 Datasheet HTML 17Page - Analog Devices ADA4841-1 Datasheet HTML 18Page - Analog Devices ADA4841-1 Datasheet HTML 19Page - Analog Devices ADA4841-1 Datasheet HTML 20Page - Analog Devices ADA4841-1 Datasheet HTML 21Page - Analog Devices ADA4841-1 Datasheet HTML 22Page - Analog Devices ADA4841-1 Datasheet HTML 23Page - Analog Devices ADA4841-1 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AD7988-1/AD7988-5
Rev. B | Page 23 of 24
ORDERING GUIDE
Model1
Notes
Integral
Nonlinearity
Temperature
Range
Ordering
Quantity
Package Description
Package
Option
Branding
AD7988-1BRMZ
±1.25 LSB max
−40°C to +125°C
Tube, 50
10-Lead MSOP
RM-10
C7E
AD7988-1BRMZ-RL7
±1.25 LSB max
−40°C to +125°C
Reel, 1,000
10-Lead MSOP
RM-10
C7E
AD7988-1BCPZ-RL
±1.25 LSB max
−40°C to +125°C
Reel, 5,000
10-Lead QFN (LFCSP_WD)
CP-10-9
C7X
AD7988-1BCPZ-RL7
±1.25 LSB max
−40°C to +125°C
Reel, 1,500
10-Lead QFN (LFCSP_WD)
CP-10-9
C7X
AD7988-5BRMZ
±1.25 LSB max
−40°C to +125°C
Tube, 50
10-Lead MSOP
RM-10
C7Q
AD7988-5BRMZ-RL7
±1.25 LSB max
−40°C to +125°C
Reel, 1,000
10-Lead MSOP
RM-10
C7Q
AD7988-5BCPZ-RL
±1.25 LSB max
−40°C to +125°C
Reel, 5,000
10-Lead QFN (LFCSP_WD)
CP-10-9
C7Y
AD7988-5BCPZ-RL7
±1.25 LSB max
−40°C to +125°C
Reel, 1,500
10-Lead QFN (LFCSP_WD)
CP-10-9
C7Y
EVAL-AD7988-5SDZ
2
Evaluation Board with AD7988-5
Populated; Use for Evaluation of Both
AD7988-1 and AD7988-5.
EVAL-SDP-CB1Z
3
System Demonstration Board, Used as a
Controller Board for Data Transfer via
USB Interface to PC.
1
Z = RoHS Compliant Part.
2
This board can be used as a standalone evaluation board or in conjunction with the EVAL-SDZ-CB1Z for evaluation/demonstration purposes.
3
This board allows a PC to control and communicate with all Analog Devices evaluation boards ending in the SD designator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com