Electronic Components Datasheet Search
  English  ▼

X  

AD8420 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8420
Description  Low Noise, Low Gain Drift, G = 2000
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420 Datasheet(HTML) 3 Page - Analog Devices

  AD8420 Datasheet HTML 1Page - Analog Devices AD8420 Datasheet HTML 2Page - Analog Devices AD8420 Datasheet HTML 3Page - Analog Devices AD8420 Datasheet HTML 4Page - Analog Devices AD8420 Datasheet HTML 5Page - Analog Devices AD8420 Datasheet HTML 6Page - Analog Devices AD8420 Datasheet HTML 7Page - Analog Devices AD8420 Datasheet HTML 8Page - Analog Devices AD8420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD8428
Rev. A | Page 3 of 20
SPECIFICATIONS
VS = ±15 V, VREF = 0 V, TA = 25°C, G = 2000, RL = 10 kΩ, unless otherwise noted.
Table 2.
Test Conditions/
A Grade
B Grade
Parameter
Comments
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO
(CMRR)
RTI, VCM = ±10 V
DC to 60 Hz
130
140
dB
At 50 kHz
110
120
dB
NOISE (RTI)
VIN+, VIN− = 0 V
Voltage Noise
f = 1 kHz
1.3
1.5
1.3
1.5
nV/√Hz
f = 0.1 Hz to 10 Hz
40
50
40
50
nV p-p
Current Noise
f = 1 kHz
1.5
1.5
pA/√Hz
f = 0.1 Hz to 10 Hz
150
150
pA p-p
VOLTAGE OFFSET
Input Offset, VOSI
100
25
μV
Average TC
TA = −40°C to +85°C
1
0.3
μV/°C
Offset RTI vs. Supply (PSRR)
120
130
dB
INPUT CURRENT
Input Bias Current
200
50
nA
Over Temperature
TA = −40°C to +85°C
250
250
pA/°C
Input Offset Current
50
10
nA
Over Temperature
TA = −40°C to +85°C
20
20
pA/°C
DYNAMIC RESPONSE
−3 dB Small Signal Bandwidth
3.5
3.5
MHz
Settling Time to 0.01%
10 V step
0.75
0.75
μs
Settling Time to 0.001%
10 V step
1.4
1.4
μs
Slew Rate
40
50
40
50
V/μs
GAIN
First Stage Gain
200
200
V/V
Subtractor Stage Gain
10
10
V/V
Total Gain Error
VOUT = −10 V to +10 V
0.2
0.05
%
Total Gain Nonlinearity
VOUT = −10 V to +10 V
5
5
ppm
Gain Drift
10
5
ppm/°C
INPUT
Impedance (Pin to Ground)1
1||2
1||2
GΩ||pF
Input Operating Voltage Range
VS = ±4 V to ±18 V
−VS + 2.5
+VS − 2.5
−VS + 2.5
+VS − 2.5
V
Over Temperature
TA = −40°C to +85°C
−VS + 2.5
+VS − 2.5
−VS + 2.5
+VS − 2.5
V
OUTPUT
Output Voltage Swing
RL = 2 kΩ
−VS + 1.7
+VS − 1.2
−VS + 1.7
+VS − 1.2
V
Over Temperature
TA = −40°C
−VS + 2.0
+VS − 1.3
−VS + 2.0
+VS − 1.3
V
TA = +85°C
−VS + 1.6
+VS − 1.1
−VS + 1.6
+VS − 1.1
V
Output Voltage Swing
RL = 10 kΩ
−VS + 1.7
+VS − 1.0
−VS + 1.7
+VS − 1.0
V
Over Temperature
TA = −40°C
−VS + 1.8
+VS − 1.2
−VS + 1.8
+VS − 1.2
V
TA = +85°C
−VS + 1.4
+VS − 0.9
−VS + 1.4
+VS − 0.9
V
Short-Circuit Current
30
30
mA
REFERENCE INPUT
Input Impedance, RIN
132
132
kΩ
Input Current, IIN
VIN+, VIN− = 0 V
6.5
6.5
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Reference Gain to Output
1
1
V/V
Reference Gain Error
0.01
0.01
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com