Electronic Components Datasheet Search
  English  ▼

X  

AD9257 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9257
Description  Octal, 14-Bit, 40/65 MSPS, Serial LVDS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9257 Datasheet(HTML) 4 Page - Analog Devices

  AD9257 Datasheet HTML 1Page - Analog Devices AD9257 Datasheet HTML 2Page - Analog Devices AD9257 Datasheet HTML 3Page - Analog Devices AD9257 Datasheet HTML 4Page - Analog Devices AD9257 Datasheet HTML 5Page - Analog Devices AD9257 Datasheet HTML 6Page - Analog Devices AD9257 Datasheet HTML 7Page - Analog Devices AD9257 Datasheet HTML 8Page - Analog Devices AD9257 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9257
Data Sheet
Rev. 0 | Page 4 of 40
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 2.
Parameter1
Temp
AD9257-40
AD9257-65
Unit
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
75.9
75.7
dBFS
fIN = 19.7 MHz
Full
73.5
75.8
73.3
75.6
dBFS
fIN = 30.5 MHz
25°C
75.7
75.5
dBFS
fIN = 63.5 MHz
25°C
74.9
dBFS
fIN = 69.5 MHz
25°C
74.7
dBFS
fIN = 123.4 MHz
25°C
73.2
dBFS
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 9.7 MHz
25°C
74.8
74.7
dBFS
fIN = 19.7 MHz
Full
72.5
74.7
72.0
74.6
dBFS
fIN = 30.5 MHz
25°C
74.6
74.4
dBFS
fIN = 63.5 MHz
25°C
73.8
dBFS
fIN = 69.5 MHz
25°C
73.5
dBFS
fIN = 123.4 MHz
25°C
71.8
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.1
12.1
Bits
fIN = 19.7 MHz
Full
11.7
12.1
11.7
12.1
Bits
fIN = 30.5 MHz
25°C
12.1
12.1
Bits
fIN = 63.5 MHz
25°C
12.0
Bits
fIN = 69.5 MHz
25°C
11.9
Bits
fIN = 123.4 MHz
25°C
11.6
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
97
96
dBc
fIN = 19.7 MHz
Full
80
95
79
96
dBc
fIN = 30.5 MHz
25°C
97
91
dBc
fIN = 63.5 MHz
25°C
95
dBc
fIN = 69.5 MHz
25°C
87
dBc
fIN = 123.4 MHz
25°C
83
dBc
WORST HARMONIC (SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−99
−99
dBc
fIN = 19.7 MHz
Full
−96
−80
−98
−79
dBc
fIN = 30.5 MHz
25°C
−100
−91
dBc
fIN = 63.5 MHz
25°C
−98
dBc
fIN = 69.5 MHz
25°C
−87
dBc
fIN = 123.4 MHz
25°C
−83
dBc
WORST OTHER (EXCLUDING SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−99
−98
dBFS
fIN = 19.7 MHz
Full
−99
−86
−98
−88
dBFS
fIN = 30.5 MHz
25°C
−99
−98
dBFS
fIN = 63.5 MHz
25°C
−98
dBFS
fIN = 69.5 MHz
25°C
−98
dBFS
fIN = 123.4 MHz
25°C
−94
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD)—AIN1
AND AIN2 = −7.0 dBFS
fIN1 = 8 MHz, fIN2 = 10 MHz
25°C
95
dBc
fIN1 = 30 MHz, fIN2 = 32 MHz
25°C
92
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com