Electronic Components Datasheet Search
  English  ▼

X  

AD7980 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7980
Description  16-Bit Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 5 Page - Analog Devices

  AD7980 Datasheet HTML 1Page - Analog Devices AD7980 Datasheet HTML 2Page - Analog Devices AD7980 Datasheet HTML 3Page - Analog Devices AD7980 Datasheet HTML 4Page - Analog Devices AD7980 Datasheet HTML 5Page - Analog Devices AD7980 Datasheet HTML 6Page - Analog Devices AD7980 Datasheet HTML 7Page - Analog Devices AD7980 Datasheet HTML 8Page - Analog Devices AD7980 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD7988-1/AD7988-5
Rev. B | Page 5 of 24
TIMING SPECIFICATIONS
VDD = 2.37 V to 2.63 V, VIO = 3.3 V to 5.5 V, −40°C to +125°C unless otherwise stated. See Figure 2 and Figure 3 for load conditions.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
AD7988-1
Throughput Rate
100
kHz
Conversion Time: CNV Rising Edge to Data Available
tCONV
9.5
μs
Acquisition Time
tACQ
500
ns
Time Between Conversions
tCYC
10
μs
AD7988-5
Throughput Rate
500
kHz
Conversion Time: CNV Rising Edge to Data Available
tCONV
1.6
μs
Acquisition Time
tACQ
400
ns
Time Between Conversions
tCYC
2
μs
CNV Pulse Width (CS Mode)
tCNVH
500
ns
SCK Period (CS Mode)
tSCK
VIO Above 4.5 V
10.5
ns
VIO Above 3 V
12
ns
VIO Above 2.7 V
13
ns
VIO Above 2.3 V
15
ns
SCK Period (Chain Mode)
tSCK
VIO Above 4.5 V
11.5
ns
VIO Above 3 V
13
ns
VIO Above 2.7 V
14
ns
VIO Above 2.3 V
16
ns
SCK Low Time
tSCKL
4.5
ns
SCK High Time
tSCKH
4.5
ns
SCK Falling Edge to Data Remains Valid
tHSDO
3
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
9.5
ns
VIO Above 3 V
11
ns
VIO Above 2.7 V
12
ns
VIO Above 2.3 V
14
ns
CNV or SDI Low to SDO D15 MSB Valid (CS Mode)
tEN
VIO Above 3 V
10
ns
VIO Above 2.3V
15
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
20
ns
SDI Valid Setup Time from CNV Rising Edge
tSSDICNV
5
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
2
ns
SDI Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com