Electronic Components Datasheet Search
  English  ▼

X  

ADA4084-2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4084-2
Description  30 V, Low Noise, Rail-to-Rail
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4084-2 Datasheet HTML 16Page - Analog Devices ADA4084-2 Datasheet HTML 17Page - Analog Devices ADA4084-2 Datasheet HTML 18Page - Analog Devices ADA4084-2 Datasheet HTML 19Page - Analog Devices ADA4084-2 Datasheet HTML 20Page - Analog Devices ADA4084-2 Datasheet HTML 21Page - Analog Devices ADA4084-2 Datasheet HTML 22Page - Analog Devices ADA4084-2 Datasheet HTML 23Page - Analog Devices ADA4084-2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADA4084-2
Data Sheet
Rev. A | Page 22 of 24
As a design aid, Figure 77 shows the total equivalent input noise
of the ADA4084-2 and the total thermal noise of a resistor for
comparison. Note that for source resistance less than 1 kΩ, the
equivalent input noise voltage of the ADA4084-2 is dominant.
TOTAL SOURCE RESISTANCE, RS (Ω)
100
1
10
10k
ADA4084-2 TOTAL
EQUIVALENT NOISE
RESISTOR THERMAL
NOISE ONLY
100
1k
100k
FREQUENCY = 1kHz
TA = 25°C
Figure 77. ADA4084-2 Equivalent Thermal Noise vs. Total Source Resistance
Because circuit SNR is the critical parameter in the final analysis,
the noise behavior of a circuit is sometimes expressed in terms
of its noise figure, NF. The noise figure is defined as the ratio of
a circuit’s output signal-to-noise to its input signal-to-noise.
Noise figure is generally used for RF and microwave circuit
analysis in a 50 Ω system. This is not very useful for op amp
circuits where the input and output impedances can vary
greatly. For a more complete description of noise figure, see the
MT-052 Tutorial, Op Amp Noise Figure: Don’t be Mislead,
available at www.analog.com.
Signal levels in the application invariably increase to maximize
circuit SNR, which is not an option in low voltage, single-supply
applications.
Therefore, to achieve optimum circuit SNR in single-supply
applications, it is recommended that an operational amplifier
with the lowest equivalent input noise voltage be chosen, along
with source resistance levels that are consistent with maintaining
low total circuit noise.
COMPARATOR OPERATION
Although op amps are quite different from comparators,
occasionally an unused section of a dual or a quad op amp
can be used as a comparator; however, this is not recommended
for any rail-to-rail output op amps. For rail-to-rail output op
amps, the output stage is generally a ratioed current mirror with
bipolar or MOSFET transistors. With the part operating open
loop, the second stage increases the current drive to the ratioed
mirror to close the loop. However, it cannot, which results in an
increase in supply current. With the op amp configured as a
comparator, the supply current can be significantly higher (see
Figure 76). An unused section should be configured as a voltage
follower with the noninverting input connected to a voltage
within the input voltage range. The ADA4084-2 has unique
second stage and output stage designs that greatly reduce the
excess supply current when the op amp is operating open loop.
800
0
0
36
VSY (V)
100
200
300
400
500
600
700
4
8
12
16
20
24
28
32
ADA4084-2
TA = 25°C
RL = ∞
COMPARATOR
OUTPUT LOW
COMPARATOR
OUTPUT HIGH
BUFFER
Figure 78. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com