Electronic Components Datasheet Search
  English  ▼

X  

AD8676 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8676
Description  30 V, Low Noise, Rail-to-Rail
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8676 Datasheet HTML 8Page - Analog Devices AD8676 Datasheet HTML 9Page - Analog Devices AD8676 Datasheet HTML 10Page - Analog Devices AD8676 Datasheet HTML 11Page - Analog Devices AD8676 Datasheet HTML 12Page - Analog Devices AD8676 Datasheet HTML 13Page - Analog Devices AD8676 Datasheet HTML 14Page - Analog Devices AD8676 Datasheet HTML 15Page - Analog Devices AD8676 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4084-2
Data Sheet
Rev. A | Page 12 of 24
1000
100
10
1
0.001
0.01
0.1
1
10
LOAD CURRENT (mA)
ADA4084-2
VSY = ±5V
TA = 25°C
(V+) –VOH
Figure 32. Dropout Voltage vs. Source Current
1000
100
10
1
0.001
0.01
0.1
1
10
LOAD CURRENT (mA)
ADA4084-2
VSY = ±5V
TA = 25°C
VOL – (V–)
Figure 33. Dropout Voltage vs. Sink Current
120
–40
270
–90
0.1
100k
FREQUENCY (kHz)
–45
0
45
90
135
180
225
–20
20
0
40
60
80
100
1
10
100
1k
10k
ADA4084-2
VSY = ±5V
TA = 25°C
RL = 10kΩ
Figure 34. Open-Loop Gain and Phase vs. Frequency
60
–20
10
100M
FREQUENCY (Hz)
–10
0
10
20
30
40
50
100
1k
10k
100k
10M
1M
ADA4084-2
VSY = ±5V
TA = 25°C
AV = +100
AV = +10
AV = +1
Figure 35. Closed-Loop Gain vs. Frequency
1000
100
10
1
0.10
0.01
10
100M
FREQUENCY (Hz)
100
1k
10k
100k
10M
1M
ADA4084-2
VSY = ±5V
TA = 25°C
AV = +100
AV = +1
AV = +10
Figure 36. Output Impedance vs. Frequency
140
–20
10
100M
FREQUENCY (Hz)
0
20
40
60
80
100
120
100
1k
10k
100k
10M
1M
ADA4084-2
VSY = ±5V
TA = 25°C
PSRR–
PSRR+
Figure 37. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com