Electronic Components Datasheet Search
  English  ▼

X  

ADD5205 Datasheet(PDF) 14 Page - Analog Devices

Part # ADD5205
Description  Four-String White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD5205 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADD5205 Datasheet HTML 8Page - Analog Devices ADD5205 Datasheet HTML 9Page - Analog Devices ADD5205 Datasheet HTML 10Page - Analog Devices ADD5205 Datasheet HTML 11Page - Analog Devices ADD5205 Datasheet HTML 12Page - Analog Devices ADD5205 Datasheet HTML 13Page - Analog Devices ADD5205 Datasheet HTML 14Page - Analog Devices ADD5205 Datasheet HTML 15Page - Analog Devices ADD5205 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADD5205
Data Sheet
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
1.70
1.60 SQ
1.50
0.50
0.40
0.30
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
12
4
6
7
9
10
3
EXPOSED
PAD
PIN 1
INDICATOR
3.10
3.00 SQ
2.90
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.30
0.23
0.18
COMPLIANT TO JEDEC STANDARDS MO-229-WEED-4.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.80
0.75
0.70
Figure 16. 12-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
3 mm × 3 mm Body, Very Very Thin Quad
(CP-12-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADD5205ACPZ-RL
−25°C to +85°C
12-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-12-6
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com