Electronic Components Datasheet Search
  English  ▼

X  

ADD5207 Datasheet(PDF) 16 Page - Analog Devices

Part # ADD5207
Description  Four-String, White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD5207 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADD5207 Datasheet HTML 8Page - Analog Devices ADD5207 Datasheet HTML 9Page - Analog Devices ADD5207 Datasheet HTML 10Page - Analog Devices ADD5207 Datasheet HTML 11Page - Analog Devices ADD5207 Datasheet HTML 12Page - Analog Devices ADD5207 Datasheet HTML 13Page - Analog Devices ADD5207 Datasheet HTML 14Page - Analog Devices ADD5207 Datasheet HTML 15Page - Analog Devices ADD5207 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADD5207
Data Sheet
Rev. A | Page 16 of 16
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
1
7
8
14
4.00 BSC
3.00 BSC
SEATING
PLANE
0.80
0.75
0.70
0.30
0.25
0.20
0.05 MAX
0.02 NOM
0.15 REF
0.50 BSC
COPLANARITY
0.08
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
0.50
0.40
0.30
1.80
1.70
1.55
3.40
3.30
3.15
0.20 MIN
PIN 1
INDICATOR
(R 0.20)
COMPLIANT
TO JEDEC STANDARDS MO-220-WGED
Figure 18. 14-Lead Lead Frame Chip Scale Package [LFCSP_WD]
4 mm × 3 mm Body, Very Very Thin Dual
(CP-14-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADD5207ACPZ-RL
−25°C to +85°C
14-Lead LFCSP_WD
CP-14-1
1 Z = RoHS Compliant Part.
©2009–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08350-0-2/12(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com