Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7982
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7982 Datasheet HTML 24Page - Analog Devices AD7982 Datasheet HTML 25Page - Analog Devices AD7982 Datasheet HTML 26Page - Analog Devices AD7982 Datasheet HTML 27Page - Analog Devices AD7982 Datasheet HTML 28Page - Analog Devices AD7982 Datasheet HTML 29Page - Analog Devices AD7982 Datasheet HTML 30Page - Analog Devices AD7982 Datasheet HTML 31Page - Analog Devices AD7982 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 29 of 32
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-8
1
24
6
7
13
19
18
12
2.65
2.50 SQ
2.35
0.60 MAX
0.50
0.40
0.30
0.30
0.23
0.18
2.50 REF
0.50
BSC
12° MAX
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.00
BSC SQ
PIN 1
INDICATOR
0.60 MAX
COPLANARITY
0.08
0.20 REF
0.23 MIN
EXPOSED
PA D
(BOTTOMVIEW)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 79. 24-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-24-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
ADA4940-1ACPZ-R2
−40°C to +125°C
16-Lead LFCSP_VQ
CP-16-2
250
H29
ADA4940-1ACPZ-RL
−40°C to +125°C
16-Lead LFCSP_VQ
CP-16-2
5,000
H29
ADA4940-1ACPZ-R7
−40°C to +125°C
16-Lead LFCSP_VQ
CP-16-2
1,500
H29
ADA4940-1ACP-EBZ
Evaluation Board
ADA4940-1ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADA4940-1ARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADA4940-1ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADA4940-1AR-EBZ
Evaluation Board
ADA4940-2ACPZ-R2
−40°C to +125°C
24-Lead LFCSP_VQ
CP-24-3
250
ADA4940-2ACPZ-RL
−40°C to +125°C
24-Lead LFCSP_VQ
CP-24-3
5,000
ADA4940-2ACPZ-R7
−40°C to +125°C
24-Lead LFCSP_VQ
CP-24-3
1,500
ADA4940-2ACP-EBZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com