Electronic Components Datasheet Search
  English  ▼

X  

ADL5201 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5201
Description  Wide Dynamic Range, High Speed
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5201 Datasheet HTML 5Page - Analog Devices ADL5201 Datasheet HTML 6Page - Analog Devices ADL5201 Datasheet HTML 7Page - Analog Devices ADL5201 Datasheet HTML 8Page - Analog Devices ADL5201 Datasheet HTML 9Page - Analog Devices ADL5201 Datasheet HTML 10Page - Analog Devices ADL5201 Datasheet HTML 11Page - Analog Devices ADL5201 Datasheet HTML 12Page - Analog Devices ADL5201 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADL5201
Rev. 0 | Page 9 of 28
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
0
50
100
150
200
250
300
350
FREQUENCY (MHz)
–11.5dB
0dB
+10dB
+20dB
Figure 18. Harmonic Distortion vs. Frequency at Four Gain Codes
–120
–110
–100
–90
–80
–70
–60
–50
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
0
50
100
150
200
250
300
350
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. Harmonic Distortion vs. Frequency, Three Temperatures
0
5
10
15
20
25
–15
–10
–5
0
5
10
15
20
25
PROGRAMMED GAIN (dB)
INPUT
MAX RATINGS
BOUNDARY
Figure 20. OP1dB vs. Programmed Gain at 140 MHz, Low Power Mode
–120
–110
–100
–90
–80
–70
–60
–50
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
–6
–5
–4
–3
–2
–1
0123
456
POUT (dBm)
–11.5dB
0dB
+10dB
+20dB
Figure 21. Harmonic Distortion vs. Power at Four Gain Codes,
Frequency = 140 MHz
–120
–110
–100
–90
–80
–70
–60
–140
–130
–120
–110
–100
–90
–80
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
POUT (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 22. Harmonic Distortion vs. Power, Frequency = 140 MHz,
Three Temperatures
FREQUENCY (MHz)
0
50
100
150
200
250
300
350
400
0
4
8
12
16
20
2
6
10
14
18
TA = –40°C
TA = +25°C
TA = +85°C
Figure 23. OP1dB vs. Frequency at Maximum Gain, Three Temperatures,
Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com