Electronic Components Datasheet Search
  English  ▼

X  

ADL5202 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5202
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5202 Datasheet HTML 5Page - Analog Devices ADL5202 Datasheet HTML 6Page - Analog Devices ADL5202 Datasheet HTML 7Page - Analog Devices ADL5202 Datasheet HTML 8Page - Analog Devices ADL5202 Datasheet HTML 9Page - Analog Devices ADL5202 Datasheet HTML 10Page - Analog Devices ADL5202 Datasheet HTML 11Page - Analog Devices ADL5202 Datasheet HTML 12Page - Analog Devices ADL5202 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADL5202
Rev. 0 | Page 9 of 32
30
35
40
45
50
55
60
0
50
100
150
200
250
300
350
400
FREQUENCY (MHz)
–11.5dB
0dB
10dB
20dB
Figure 12. Output Third-Order Intercept vs. Frequency
at Four Gain Codes
FREQUENCY (MHz)
30
35
40
45
50
55
60
0
50
100
150
200
250
300
350
400
TA = –40°C
TA = +25°C
TA = +85°C
Figure 13. Output Third-Order Intercept vs. Frequency,
Three Temperatures at 2 V p-p Composite
–120
–110
–100
–90
–80
–70
–60
–15
–10
–5
0
5
10
15
20
25
PROGRAMMED GAIN (dB)
46MHz
140MHz
300MHz
Figure 14. Two-Tone Output IMD3 vs. Programmed Gain,
at 46 MHz, 140 MHz, 300 MHz
20
25
30
35
40
45
50
55
60
–4
–3
–2
–1
01
234
56
POUT (dBm)
–11.5dB
0dB
10dB
20dB
INPUT
MAX RATINGS
BOUNDARY
Figure 15. Output Third-Order Intercept vs. Power at Four Gain Codes,
Frequency = 140 MHz at 2 V p-p Composite
30
35
40
45
50
55
60
–4
–3
–2
–1
0
1
2
3
4
5
6
POUT (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 16. Output Third-Order Intercept vs. Power, Frequency = 140 MHz,
Three Temperatures
–120
–110
–100
–90
–80
–70
–60
0
50
100
150
200
250
300
350
400
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 17. Two-Tone Output IMD3 vs. Frequency,
Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com