Electronic Components Datasheet Search
  English  ▼

X  

ADL5363 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5363
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5363 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5363 Datasheet HTML 9Page - Analog Devices ADL5363 Datasheet HTML 10Page - Analog Devices ADL5363 Datasheet HTML 11Page - Analog Devices ADL5363 Datasheet HTML 12Page - Analog Devices ADL5363 Datasheet HTML 13Page - Analog Devices ADL5363 Datasheet HTML 14Page - Analog Devices ADL5363 Datasheet HTML 15Page - Analog Devices ADL5363 Datasheet HTML 16Page - Analog Devices ADL5363 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5363
Rev. 0 | Page 13 of 24
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
12
11
10
9
8
7
6
5
4
3
2
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
23
3
7
5
9
11
13
15
17
19
21
VGS = 0, 0
VGS = 0, 1
VGS = 1, 0
VGS = 1, 1
GAIN
NOISE FIGURE
Figure 35. Power Conversion Loss and SSB Noise Figure vs. RF Frequency
40
38
36
34
30
28
26
24
22
32
20
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
VGS = 0, 0
VGS = 0, 1
VGS = 1, 0
VGS = 1, 1
Figure 36. Input IP3 vs. RF Frequency
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
32
31
30
29
28
27
26
25
24
600 700
900
800
1000 1100 1200 1300 1400 1500 1600 1700 1800
BIAS RESISTOR VALUE (Ω)
CONVERSION LOSS (dB)
NOISE FIGURE (dB)
INPUT IP3 (dBm)
Figure 37. Power Conversion Loss, SSB Noise Figure, and
Input IP3 vs. IF Bias Resistor Value
140
130
120
110
100
90
80
70
60
600
1800
BIAS RESISTOR VALUE (Ω)
700
900
800
1000 1100 1200 1300 1400 1500 1600 1700
Figure 38. Supply Current vs. Bias Resistor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com