Electronic Components Datasheet Search
  English  ▼

X  

ADL5358 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5358
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5358 Datasheet HTML 13Page - Analog Devices ADL5358 Datasheet HTML 14Page - Analog Devices ADL5358 Datasheet HTML 15Page - Analog Devices ADL5358 Datasheet HTML 16Page - Analog Devices ADL5358 Datasheet HTML 17Page - Analog Devices ADL5358 Datasheet HTML 18Page - Analog Devices ADL5358 Datasheet HTML 19Page - Analog Devices ADL5358 Datasheet HTML 20Page - Analog Devices ADL5358 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADL5363
Rev. 0 | Page 17 of 24
CIRCUIT DESCRIPTION
RF SUBSYSTEM
The ADL5363 consists of two primary components: the radio
frequency (RF) subsystem and the local oscillator (LO) subsystem.
The combination of design, process, and packaging technology
allows the functions of these subsystems to be integrated
into a single die, using mature packaging and interconnection
technologies to provide a high performance, low cost design
with excellent electrical, mechanical, and thermal properties.
In addition, the need for external components is minimized,
optimizing cost and size.
The single-ended, 50 Ω RF input is internally transformed to a
balanced signal using a low loss (<1 dB) unbalanced-to-balanced
(balun) transformer. This transformer is made possible by an
extremely low loss metal stack, which provides both excellent
balance and dc isolation for the RF port. Although the port can
be dc connected, it is recommended that a blocking capacitor be
used to avoid running excessive dc current through the part.
The RF balun can easily support an RF input frequency range
of 2300 MHz to 2900 MHz.
The RF subsystem consists of an integrated, low loss RF balun,
passive MOSFET mixer, sum termination network.
The resulting balanced RF signal is applied to a passive mixer
that commutates the RF input with the output of the LO subsystem.
The passive mixer is essentially a balanced, low loss switch that
adds minimum noise to the frequency translation. The only
noise contribution from the mixer is due to the resistive loss
of the switches, which is in the order of a few ohms.
The LO subsystem consists of an SPDT-terminated FET switch
and a three-stage limiting LO amplifier. The purpose of the LO
subsystem is to provide a large, fixed amplitude, balanced signal
to drive the mixer independent of the level of the LO input.
A block diagram of the device is shown in Figure 48.
As the mixer is inherently broadband and bidirectional, it
is necessary to properly terminate all the idler (M × N product)
frequencies generated by the mixing process. Terminating the
mixer avoids the generation of unwanted intermodulation
products and reduces the level of unwanted signals at the IF
output. This termination is accomplished by the addition of a
sum network between the IF output and the mixer.
2
3
1
20
19
18
17
16
6
7
8
9
10
4
5
14
13
15
12
BIAS
GENERATOR
VPMX
RFIN
RFCT
COMM
COMM
LOI2
VPSW
VGS1
VGS0
LOI1
VCMI
IFOP
IFON
PWDN
COMM
VLO3
LGM3
VLO2
LOSW
NC
ADL5363
NC = NO CONNECT
11
The IP3 performance can be optimized by adjusting the supply
current with an external resistor. Figure 37 and 38 illustrate how
the bias resistor affects the performance with a 5 V supply.
Additionally, dc current can be saved by increasing either or
both resistors. It is permissible to reduce the dc supply voltage
to as low as 3.3 V, further reducing the dissipated power of the
part. (Note that no performance enhancement is obtained by
reducing the value of these resistors and excessive dc power
dissipation may result.)
Figure 48. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com