Electronic Components Datasheet Search
  English  ▼

X  

ADP199 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP199
Description  3.6 V, 500 mA Logic Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP199 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP199 Datasheet HTML 2Page - Analog Devices ADP199 Datasheet HTML 3Page - Analog Devices ADP199 Datasheet HTML 4Page - Analog Devices ADP199 Datasheet HTML 5Page - Analog Devices ADP199 Datasheet HTML 6Page - Analog Devices ADP199 Datasheet HTML 7Page - Analog Devices ADP199 Datasheet HTML 8Page - Analog Devices ADP199 Datasheet HTML 9Page - Analog Devices ADP199 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP199
Data Sheet
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.2 V, VEN = VIN, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
0
0.01
0.02
0.03
0.04
0.05
0.07
0.06
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
0.9V
1.0V
1.5V
2.6V
Figure 4. RDSON vs. Temperature, 50 mA, Different Input Voltage (VIN)
0
0.01
0.02
0.03
0.04
0.05
0.07
0.06
–60
–40
–20
0
20406080
100
TEMPERATURE (°C)
0.9V
1.0V
1.5V
2.6V
Figure 5. RDSON vs. Temperature, 500 mA, Different Input Voltage (VIN)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VIN (V)
5mA
10mA
50mA
100mA
200mA
500mA
Figure 6. RDSON vs. Input Voltage (VIN), Different Load Currents
0
0.01
0.02
0.03
0.04
0.05
0.10
0.06
0.07
0.08
0.09
1
10
100
1000
LOAD (mA)
0.90V
0.95V
1.00V
1.20V
1.50V
1.80V
2.20V
2.60V
3.20V
3.60V
Figure 7. RDSON vs. Load Current, Different Input Voltage (VIN)
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VIN (V)
5mA
10mA
50mA
100mA
200mA
500mA
Figure 8. Voltage Drop vs. Temperature, Different Load Currents
0
05
10
15
20
25
30
35
40
–40
–5
25
65
85
TEMPERATURE (°C)
10mA
50mA
100mA
200mA
500mA
Figure 9. Ground Current vs. Temperature,
Different Load Currents, VIN = 0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com