Electronic Components Datasheet Search
  English  ▼

X  

ADP1614 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1614
Description  650 kHz/1.3 MHz, 4 A, Step-Up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1614 Datasheet(HTML) 3 Page - Analog Devices

  ADP1614 Datasheet HTML 1Page - Analog Devices ADP1614 Datasheet HTML 2Page - Analog Devices ADP1614 Datasheet HTML 3Page - Analog Devices ADP1614 Datasheet HTML 4Page - Analog Devices ADP1614 Datasheet HTML 5Page - Analog Devices ADP1614 Datasheet HTML 6Page - Analog Devices ADP1614 Datasheet HTML 7Page - Analog Devices ADP1614 Datasheet HTML 8Page - Analog Devices ADP1614 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADP1614
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VIN = 3.6 V, unless otherwise noted. Minimum and maximum values are guaranteed for TJ = −40°C to +125°C. Typical values specified
are at TJ = 25°C. All limits at temperature extremes are guaranteed by correlation and characterization using standard statistical quality
control (SQC), unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Input Voltage
VIN
2.5
5.5
V
Quiescent Current
Shutdown
IQSHDN
VEN = 0 V
0.25
1.5
µA
Nonswitching State
IQ
VFB = 1.3 V, fSW = 1.3 MHz and 650 kHz
700
1100
µA
Switching State1
IQSW
fSW = 1.3 MHz, no load
5.5
7
mA
fSW = 650 kHz, no load
3
4.5
mA
Enable Pin Bias Current
IEN
VEN = 3.6 V
3.4
7
µA
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage Lockout Threshold
VIN rising
2.33
2.5
V
VIN falling
2.0
2.20
V
OUTPUT
Output Voltage
VOUT
VIN
20
V
Load Regulation
VOUT = 10 V, ILOAD = 1 mA to 1 A
0.005
mV/mA
REFERENCE
Feedback Voltage
VFB
−1.6%
1.245
+1.6%
V
Line Regulation
VIN = 2.5 V to 5.5 V
0.02
0.2
%/V
ERROR AMPLIFIER
Transconductance
GMEA
ΔI = 4 µA
150
µA/V
Voltage Gain
AV
80
dB
FB Pin Bias Current
VFB = 1.245 V
1
50
nA
SWITCH (SW)
On Resistance
RDSON
ISW = 1.0 A
50
100
mΩ
Leakage Current
VSW = 20 V
0.1
10
µA
Peak Current Limit2
RCL = 154 kΩ, duty cycle = 70%
0.95
1.3
1.65
A
Maximum Peak Current Limit3
RCL = 61.9 kΩ, VIN = 3.6 V, VOUT = 15 V
4
A
CLRES VOLTAGE4
ICLRES = 5 µA
1.225
1.27
1.315
V
ICLRES = 20 µA
1.18
1.22
1.25
V
OSCILLATOR
Oscillator Frequency
fSW
ADP1614ACPZ-1.3-R7
1.1
1.3
1.4
MHz
ADP1614ACPZ-650-R7
500
650
720
kHz
Maximum Duty Cycle
DMAX
COMP = open, VFB = 1 V, fSW = 1.3 MHz and 650 kHz
88
92
%
EN LOGIC THRESHOLD
VIN = 2.5 V to 5.5 V
Input Voltage Low
VIL
0.3
V
Input Voltage High
VIH
1.6
V
SOFT START (SS)
Charging Current
ISS
VSS = 0 V
3.4
5.5
7
µA
Pin Voltage
VSS
VFB = 1.3 V
1.17
1.23
1.29
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
20
°C
1
This parameter specifies the average current when the device switches internally with the SW pins (Pin 6 and Pin 7) floating.
2
Current limit is a function of duty cycle. For the adjustable current limit versions, it is also a function of the resistor on the CLRES pin. See Figure 9 through Figure 12.
3
Guaranteed by design.
4
The CLRES pin cannot be controlled with a current source. An equivalent resistance should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com