Electronic Components Datasheet Search
  English  ▼

X  

ADP1878 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1878
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1878 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1878 Datasheet HTML 9Page - Analog Devices ADP1878 Datasheet HTML 10Page - Analog Devices ADP1878 Datasheet HTML 11Page - Analog Devices ADP1878 Datasheet HTML 12Page - Analog Devices ADP1878 Datasheet HTML 13Page - Analog Devices ADP1878 Datasheet HTML 14Page - Analog Devices ADP1878 Datasheet HTML 15Page - Analog Devices ADP1878 Datasheet HTML 16Page - Analog Devices ADP1878 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data heet
ADP1878/ADP1879
Rev. A | Page 13 of 40
Figure 40. Internal Rectifier Drop vs. Frequency
Figure 41. Internal Boost Rectifier Drop vs. VREG (Low Input Voltage)
Over VIN Variation
Figure 42. Internal Boost Rectifier Drop vs. VREG
Figure 43. Low-Side MOSFET Body Diode Conduction Time vs. VREG
Figure 44. Power Saving Mode (PSM) Operational Waveform, 100 mA
Figure 45. PSM Waveform at Light Load, 500 mA
80
800
720
640
560
480
400
320
240
160
300
400
500
600
700
800
900
1000
FREQUENCY (kHz)
VREG = 2.7V
VREG = 5.5V
VREG = 3.6V
+125°C
+25°C
–40°C
80
1280
720
640
560
480
1040
1120
1200
960
880
800
400
320
240
160
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VREG (V)
VIN = 5.5V
VIN = 16.5V
VIN = 13V
1MHz
300kHz
TA = 25°C
80
720
640
560
480
400
320
240
160
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VREG (V)
1MHz
300kHz
+125°C
+25°C
–40°C
8
80
64
72
56
48
40
32
24
16
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VREG (V)
1MHz
300kHz
+125°C
+25°C
–40°C
CH1 50mV
B
W
CH2 5A Ω
CH3 10V
B
W
CH4 5V
M400ns
A CH2
3.90A
T 35.8%
1
2
3
4
OUTPUT VOLTAGE
INDUCTOR CURRENT
SW NODE
LOW SIDE
CH1 50mV
B
W
CH2 5A Ω
CH3 10V
B
W
CH4 5V
M4.0µs
A CH2
3.90A
T 35.8%
1
2
3
4
OUTPUT VOLTAGE
INDUCTOR CURRENT
SW NODE
LOW SIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com