Electronic Components Datasheet Search
  English  ▼

X  

MSS1038 Datasheet(PDF) 11 Page - Analog Devices

Part # MSS1038
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MSS1038 Datasheet(HTML) 11 Page - Analog Devices

Back Button MSS1038 Datasheet HTML 7Page - Analog Devices MSS1038 Datasheet HTML 8Page - Analog Devices MSS1038 Datasheet HTML 9Page - Analog Devices MSS1038 Datasheet HTML 10Page - Analog Devices MSS1038 Datasheet HTML 11Page - Analog Devices MSS1038 Datasheet HTML 12Page - Analog Devices MSS1038 Datasheet HTML 13Page - Analog Devices MSS1038 Datasheet HTML 14Page - Analog Devices MSS1038 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADP2164
Rev. 0 | Page 11 of 20
CH2 500mV
CH4 500mV
M 2.00ms
A CH2
820mV
4
T 40.40%
T
TRK
FB
BW
BW
Figure 28. Tracking Function
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
1k
10k
12
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 57kHz
PHASE MARGIN: 67°
PHASE
MAGNITUDE
Figure 29. Bode Plot at VIN = 5 V, VOUT = 1.0 V, IO = 4 A, fS = 1.2 MHz,
L = 0.68 μH, COUT = 2 × 100 μF
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
1k
10k
12
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 52kHz
PHASE MARGIN: 69°
PHASE
MAGNITUDE
Figure 30. Bode Plot at VIN = 5 V, VOUT = 1.5 V, IO = 4 A, fS = 1.2 MHz,
L = 1 μH, COUT = 47 μF + 100 μF
CH1 5.00mV
CH2 5.00V
CH4 2.00A Ω
M 400ns
A CH2
3.30V
2
1
4
T 30.60%
T
SW
VOUT
IL
Figure 31. Steady Waveform, VIN = 5 V, VOUT = 1.2 V, fS = 1.2 MHz
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
1k
10k
1
2
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 61kHz
PHASE MARGIN: 69°
PHASE
MAGNITUDE
Figure 32. Bode Plot at VIN = 5 V, VOUT = 1.2 V, IO = 4 A, fS = 1.2 MHz,
L = 0.68 μH, COUT = 47 μF + 100 μF
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
1k
10k
12
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 61kHz
PHASE MARGIN: 66°
PHASE
MAGNITUDE
Figure 33. Bode Plot at VIN = 5 V, VOUT = 1.8 V, IO = 4 A, fS = 1.2 MHz,
L = 1 μH, COUT = 100 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com