Electronic Components Datasheet Search
  English  ▼

X  

ADP2370 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP2370
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2370 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP2370 Datasheet HTML 23Page - Analog Devices ADP2370 Datasheet HTML 24Page - Analog Devices ADP2370 Datasheet HTML 25Page - Analog Devices ADP2370 Datasheet HTML 26Page - Analog Devices ADP2370 Datasheet HTML 27Page - Analog Devices ADP2370 Datasheet HTML 28Page - Analog Devices ADP2370 Datasheet HTML 29Page - Analog Devices ADP2370 Datasheet HTML 30Page - Analog Devices ADP2370 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADP2370/ADP2371
Rev. A | Page 27 of 32
FSEL
EN
POWER GOOD
R1
10kΩ
R2
249kΩ
R3
200kΩ
6.8µH
VOUT = 1.8V
VIN = 6V
CIN
10µF
COUT
10µF
AGND
(EXPOSED PAD)
VIN
SYNC
ADP2370/
ADP2371
SW
PG
PGND
FB
1
2
3
4
8
7
6
5
ON
OFF
Figure 83. Typical Application, 600 kHz, Adjustable Output
Table 6. Inductors
Vendor
Model
Frequency
Output
Voltage
Ideal Value
(μH)
Standard Value
(μH)
Dimensions
(mm)
ISAT
(A)
DCR
(mΩ)
Coilcraft
XFL4020-222ME
1.2 MHz
1.2
2.5
2.2
4 × 4 × 2
4.1
24
Coilcraft
XFL4020-332ME
1.2 MHz
1.5
3.1
3.3
4 × 4 × 2
3.1
38
Coilcraft
XFL4020-332ME
1.2 MHz
1.8
3.8
3.3
4 × 4 × 2
3.1
38
Coilcraft
XFL4020-472ME
1.2 MHz
2.5
5.2
4.7
4 × 4 × 2
2.0
57
Coilcraft
XAL4030-682ME
1.2 MHz
3.0
6.3
6.8
4 × 4 × 3
1.9
74
Coilcraft
XAL4030-682ME
1.2 MHz
3.3
6.9
6.8
4 × 4 × 3
1.9
74
Coilcraft
XAL4040-103ME
1.2 MHz
5
10.5
10
4 × 4 × 4
1.5
92
Coilcraft
LPS6235-183ML
1.2 MHz
9
18.8
18
6 × 6 × 3.5
1.7
14
Coilcraft
XFL4020-472ME
600 kHz
1.2
5.0
4.7
4 × 4 × 2
2.0
57
Coilcraft
XAL4030-682ME
600 kHz
1.5
6.3
6.8
4 × 4 × 3
1.9
74
Coilcraft
XAL4030-682ME
600 kHz
1.8
7.5
6.8
4 × 4 × 3
1.9
74
Coilcraft
XAL4040-103ME
600 kHz
2.5
10.5
10
4 × 4 × 4
1.5
92
Coilcraft
XAL4040-103ME
600 kHz
3.0
12.6
10
4 × 4 × 4
1.5
92
Coilcraft
XAL4040-153ME
600 kHz
3.3
13.8
15
4 × 4 × 4
1.3
120
Coilcraft
LPS6235-223ML
600 kHz
5
20.9
22
6 × 6 × 3.5
1.6
145
Coilcraft
LPS6235-333ML
600 kHz
9
37.7
33
6 × 6 × 3.5
1.3
130
Table 7. 10 μF Capacitors
Vendor
Model
Case Size
Voltage Rating
Location
Input Voltage
Output
Voltage
Murata
GRM32ER7YA106KA12
1210
35
Input or Output
<15 V
Murata
GRM32DR61E106KA12
1210
25
Input or Output
<12 V
Murata
GRM31CR61C106KA88
1206
16
Input or Output
<8 V
Murata
GRM32ER7YA106KA12
1210
35
Input or Output
<12 V
Murata
GRM32DR61E106KA12
1210
25
Input or Output
<9 V
Murata
GRM31CR61C106KA88
1206
16
Input or Output
<7 V
Murata
GRM21BR61C106KE15
0805
16
Output
<2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com