Electronic Components Datasheet Search
  English  ▼

X  

ADP5023 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5023
Description  Dual 3 MHz, 800 mA Buck
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5023 Datasheet(HTML) 5 Page - Analog Devices

  ADP5023 Datasheet HTML 1Page - Analog Devices ADP5023 Datasheet HTML 2Page - Analog Devices ADP5023 Datasheet HTML 3Page - Analog Devices ADP5023 Datasheet HTML 4Page - Analog Devices ADP5023 Datasheet HTML 5Page - Analog Devices ADP5023 Datasheet HTML 6Page - Analog Devices ADP5023 Datasheet HTML 7Page - Analog Devices ADP5023 Datasheet HTML 8Page - Analog Devices ADP5023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADP5023
Rev. A | Page 5 of 28
LDO SPECIFICATIONS
VIN3 = (VOUT3 + 0.5 V) or 1.7 V (whichever is greater) to 5.5 V; CIN = COUT = 1 µF; TJ = −40°C to +125°C for minimum/maximum
specifications, and TA = 25°C for typical specifications, unless otherwise noted.1
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN3
1.7
5.5
V
OPERATING SUPPLY CURRENT
Bias Current per LDO2
IVIN3BIAS
IOUT3 = 0 µA
10
30
µA
IOUT3 = 10 mA
60
100
µA
IOUT3 = 300 mA
165
245
µA
Total System Input Current
IIN
Includes all current into AVIN, VIN1, VIN2, and
VIN3
LDO Only
IOUT3 = 0 µA, all other channels disabled
53
µA
OUTPUT CHARACTERISTICS
Output Voltage Accuracy
ΔVOUT3/VOUT3
100 µA < IOUT3 < 300 mA
−3
+3
%
Line Regulation
(ΔVOUT3/VOUT3)/ΔVIN3
IOUT3 = 1 mA
−0.03
+0.03
%/V
Load Regulation3
(ΔVOUT3/VOUT3)/ΔIOUT3
IOUT3 = 1 mA to 300 mA
0.001
0.003
%/mA
VOLTAGE FEEDBACK
VFB3
0.485
0.5
0.515
V
DROPOUT VOLTAGE4
VDROPOUT
VOUT3 = 5.2 V, IOUT3 = 300 mA
50
mV
VOUT3 = 3.3 V, IOUT3 = 300 mA
75
140
mV
VOUT3 = 2.5 V, IOUT3 = 300 mA
100
mV
VOUT3 = 1.8 V, IOUT3 = 300 mA
180
mV
CURRENT-LIMIT THRESHOLD5
ILIMIT3
335
600
mA
ACTIVE PULL-DOWN
RPDWN-L
Channel disabled
600
Ω
OUTPUT NOISE
Regulator LDO
NOISELDO
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 2.8 V
100
µV rms
POWER SUPPLY REJECTION
RATIO
PSRR
Regulator LDO
10 kHz, VIN3 = 3.3 V, VOUT3 = 2.8 V, IOUT3 = 1 mA
60
dB
100 kHz, VIN3 = 3.3 V, VOUT3 = 2.8 V, IOUT3 = 1 mA
62
dB
1 MHz, VIN3 = 3.3 V, VOUT3 = 2.8 V, IOUT3 = 1 mA
63
dB
1
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2
This is the input current into VIN3, which is not delivered to the output load.
3
Based on an endpoint calculation using 1 mA and 300 mA loads.
4
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only to output voltages
above 1.7 V.
5
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
TA = −40°C to +125°C, unless otherwise specified.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
NOMINAL INPUT AND OUTPUT CAPACITOR RATINGS
BUCK1, BUCK2 Input Capacitor Ratings
CMIN1, CMIN2
4.7
40
µF
BUCK1, BUCK2 Output Capacitor Ratings
CMIN1, CMIN2
10
40
µF
LDO1 Input and Output Capacitor Ratings
CMIN3, CMIN4
1.0
µF
CAPACITOR ESR
RESR
0.001
1
Ω
1
The minimum input and output capacitance should be greater than 0.70 µF over the full range of operating conditions. The full range of operating conditions in
the application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R- and X5R-type capacitors are
recommended; Y5V and Z5U capacitors are not recommended for use because of their poor temperature and dc bias characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com