Electronic Components Datasheet Search
  English  ▼

X  

CDRH103R Datasheet(PDF) 2 Page - Analog Devices

Part # CDRH103R
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CDRH103R Datasheet(HTML) 2 Page - Analog Devices

  CDRH103R Datasheet HTML 1Page - Analog Devices CDRH103R Datasheet HTML 2Page - Analog Devices CDRH103R Datasheet HTML 3Page - Analog Devices CDRH103R Datasheet HTML 4Page - Analog Devices CDRH103R Datasheet HTML 5Page - Analog Devices CDRH103R Datasheet HTML 6Page - Analog Devices CDRH103R Datasheet HTML 7Page - Analog Devices CDRH103R Datasheet HTML 8Page - Analog Devices CDRH103R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP2164
Data Sheet
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Typical Applications Circuit............................................................ 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Typical Performance Characteristics ............................................. 7
 
Functional Block Diagram ............................................................ 13
 
Theory of Operation ...................................................................... 14
 
Control Scheme .......................................................................... 14
 
Slope Compensation .................................................................. 14
 
Precision Enable/Shutdown ...................................................... 14
 
Integrated Soft Start ................................................................... 14
 
Oscillator and Synchronization................................................ 14
 
Power Good ................................................................................ 15
 
Current Limit and Short-Circuit Protection ............................ 15
 
Overvoltage Protection (OVP)................................................. 15
 
Undervoltage Lockout (UVLO) ............................................... 15
 
Thermal Shutdown .................................................................... 15
 
Applications Information .............................................................. 16
 
Output Voltage Selection........................................................... 16
 
Inductor Selection ...................................................................... 16
 
Output Capacitor Selection....................................................... 16
 
Input Capacitor Selection.......................................................... 17
 
Voltage Tracking......................................................................... 17
 
Applications Circuits...................................................................... 18
 
Outline Dimensions ....................................................................... 19
 
Ordering Guide .......................................................................... 19
 
REVISION HISTORY
12/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com