Electronic Components Datasheet Search
  English  ▼

X  

ADP5024 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP5024
Description  Dual 3 MHz, 1200 mA Buck
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5024 Datasheet(HTML) 2 Page - Analog Devices

  ADP5024 Datasheet HTML 1Page - Analog Devices ADP5024 Datasheet HTML 2Page - Analog Devices ADP5024 Datasheet HTML 3Page - Analog Devices ADP5024 Datasheet HTML 4Page - Analog Devices ADP5024 Datasheet HTML 5Page - Analog Devices ADP5024 Datasheet HTML 6Page - Analog Devices ADP5024 Datasheet HTML 7Page - Analog Devices ADP5024 Datasheet HTML 8Page - Analog Devices ADP5024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADP5024
Data Sheet
Rev. A | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Typical Application Circuit ............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
General Specifications ................................................................. 3
BUCK1 and BUCK2 Specifications ........................................... 4
LDO Specifications ...................................................................... 5
Input and Output Capacitor, Recommended Specifications.. 6
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 16
Power Management Unit........................................................... 17
BUCK1 and BUCK2 .................................................................. 19
LDO.............................................................................................. 20
Applications Information .............................................................. 21
Buck External Component Selection....................................... 21
LDO External Component Selection....................................... 23
Power Dissipation and Thermal Considerations ....................... 24
Buck Regulator Power Dissipation .......................................... 24
Junction Temperature ................................................................ 25
PCB Layout Guidelines.................................................................. 26
Typical Application Schematics.................................................... 27
Bill of Materials........................................................................... 27
Outline Dimensions....................................................................... 28
Ordering Guide .......................................................................... 28
REVISION HISTORY
1/1 —Rev. 0 to Rev. A
Changes to Features Section and Figure 1..................................... 1
Changes to Table 2............................................................................ 4
Changes to Table 3............................................................................ 5
Changes to Table 4............................................................................ 6
Changes to Table 7............................................................................ 8
Changes to Figure 34...................................................................... 14
Changes to LDO Section and Figure 48 ...................................... 20
Changes to Table 9 and Figure 50................................................. 22
Changes to Buck Regulator Power Dissipation Section ............ 24
Changes to Figure 52 and Figure 53............................................. 27
Changes to Ordering Guide .......................................................... 28
8/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com