Electronic Components Datasheet Search
  English  ▼

X  

ADP7102 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP7102
Description  20 V, 300 mA, Low Noise, CMOS LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7102 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP7102 Datasheet HTML 10Page - Analog Devices ADP7102 Datasheet HTML 11Page - Analog Devices ADP7102 Datasheet HTML 12Page - Analog Devices ADP7102 Datasheet HTML 13Page - Analog Devices ADP7102 Datasheet HTML 14Page - Analog Devices ADP7102 Datasheet HTML 15Page - Analog Devices ADP7102 Datasheet HTML 16Page - Analog Devices ADP7102 Datasheet HTML 17Page - Analog Devices ADP7102 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP7102
Data Sheet
Rev. A | Page 14 of 28
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.25
0.50
0.75
1.00
1.25
1.50
HEADROOM VOLTAGE (V)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 47. Power Supply Rejection Ratio vs. Headroom Voltage, 10 kHz,
VOUT = 5 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.25
0.50
0.75
1.00
1.25
1.50
HEADROOM VOLTAGE (V)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 48. Power Supply Rejection Ratio vs. Headroom Voltage, 100 kHz,
VOUT = 5 V
0
5
10
15
20
25
30
0.00001
0.0001
0.001
0.01
0.1
1
LOAD CURRENT (A)
3.3V
1.8V
5V
5VADJ
5VADJ NR
Figure 49. Output Noise vs. Load Current and Output Voltage,
COUT = 1 μF
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
3.3V
5V
5V ADJ
5V ADJ NR
Figure 50. Output Noise Spectral Density, ILOAD = 10 mA, COUT = 1 μF
CH2 50mV
CH1 200mA
M 20µs
A CH1
76mA
1
2
T 10.4%
Ω
B
W
B
W
LOAD CURRENT
OUTPUT VOLTAGE
Figure 51. Load Transient Response, CIN, COUT = 1 μF, ILOAD = 1 mA to 300 mA,
VOUT = 1.8 V, VIN = 5 V
CH1 200mA
CH2 50mV
M 20µs
A CH1
168mA
1
2
T 10.2%
B
W
B
W
Ω
LOAD CURRENT
OUTPUT VOLTAGE
Figure 52. Load Transient Response, CIN, COUT = 1 μF, ILOAD = 1 mA to 300 mA,
VOUT = 3.3 V, VIN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com