Electronic Components Datasheet Search
  English  ▼

X  

ADRF6516 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6516
Description  31 MHz, Dual Programmable Filters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 22Page - Analog Devices ADRF6516 Datasheet HTML 23Page - Analog Devices ADRF6516 Datasheet HTML 24Page - Analog Devices ADRF6516 Datasheet HTML 25Page - Analog Devices ADRF6516 Datasheet HTML 26Page - Analog Devices ADRF6516 Datasheet HTML 27Page - Analog Devices ADRF6516 Datasheet HTML 28Page - Analog Devices ADRF6516 Datasheet HTML 29Page - Analog Devices ADRF6516 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADRF6516
Data Sheet
Rev. B | Page 26 of 32
56
55
54
53
52
51
50
49
15
16
17
18
19
20
21
22
1
2
3
4
5
6
7
8
35
36
37
38
39
40
41
42
PA5_FIFOARD1
PA2_SLOE
RESET_N
PA3_WU2
PA4_FIFOARD0
PA6_PKTEND
PA7_FLAGD_SCLS_N
GND
DPLUS
XTALOUT
XTALIN
RDY1_SLWR
AVCC
AVCC
AGND
RDY0_SLRD
CY7C68013A-56LTXC
U4
LE
9
DMINUS
10 AGND
11 VCC
12 GND
13 IFCLK
14 RESERVED
23
24
27
25
26
28
29
30
31
32
33
34
CTL1_FLAGB
PA1_INT1_N
CTL0_FLAGA
CTL2_FLAGC
VCC
PA0_INT0_N
48
47
46
45
44
43
CLK
DATA
3V3_USB
3V3_USB
3V3_USB
C48
10pF
C49
0.1µF
3V3_USB
3V3_USB
R61
2kΩ
CR2
3V3_USB
R64
0Ω
C37
0.1µF
C45
0.1µF
R62
100kΩ
3V3_USB
Y1
24MHz
3
4
2
1
C54
22pF
C51
22pF
1
2
3
4
5
G1
G2
G3
G4
5V_USB
P5
1
2
3
4
5
6
7
8
A0
A1
A2
GND
SDA
SCL
WC_N
VCC
3V3_USB
3V3_USB
24LC64-I_SN
U2
ADP3334
U3
1
8
2
3
4
7
6
5
OUT1
OUT2
FB
NC
IN2
IN1
SD
GND
C47
1.0µF
R65
2kΩ
CR1
5V_USB
R69
78.7kΩ
C50
1000pF
R70
140kΩ
C52
1.0µF
3V3_USB
DGND
C35
0.1µF
C42
0.1µF
C36
0.1µF
C41
0.1µF
C40
0.1µF
C44
0.1µF
C46
0.1µF
3V3_USB
R60
2kΩ
R59
2kΩ
C38
10pF
C39
0.1µF
SDO
Figure 59. USB Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com