Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF608 Datasheet(PDF) 35 Page - Analog Devices

Part # ADSP-BF608
Description  Blackfin Dual Core
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF608 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADSP-BF608 Datasheet HTML 31Page - Analog Devices ADSP-BF608 Datasheet HTML 32Page - Analog Devices ADSP-BF608 Datasheet HTML 33Page - Analog Devices ADSP-BF608 Datasheet HTML 34Page - Analog Devices ADSP-BF608 Datasheet HTML 35Page - Analog Devices ADSP-BF608 Datasheet HTML 36Page - Analog Devices ADSP-BF608 Datasheet HTML 37Page - Analog Devices ADSP-BF608 Datasheet HTML 38Page - Analog Devices ADSP-BF608 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Preliminary Technical Data
Rev. PrD
|
Page 35 of 44
|
March 2012
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
ENVIRONMENTAL CONDITIONS
To determine the junction temperature on the application
printed circuit board use:
where:
TJ = Junction temperature (°C)
TCASE = Case temperature (°C) measured by customer at top
center of package.
Ψ
JT = From Table 13
PD = Power dissipation (see Total Power Dissipation on Page 34
for the method to calculate PD)
Values of
θJA are provided for package comparison and printed
circuit board design considerations.
θJA can be used for a first
order approximation of TJ by the equation:
where:
TA = Ambient temperature (°C)
Values of
θJC are provided for package comparison and printed
circuit board design considerations when an external heat sink
is required.
In Table 13, airflow measurements comply with JEDEC stan-
dards JESD51-2 and JESD51-6. The junction-to-case
measurement complies with MIL-STD-883 (Method 1012.1).
All measurements use a 2S2P JEDEC test board.
Thermal Diode
The processor incorporates thermal diode/s to monitor the die
temperature. The thermal diode is a grounded collector, PNP
Bipolar Junction Transistor (BJT). The SYS_TDA pin is con-
nected to the emitter and the SYS_TDK pin is connected to the
base of the transistor. These pins can be used by an external
temperature sensor (such as ADM 1021A or LM86 or others) to
read the die temperature of the chip.
The technique used by the external temperature sensor is to
measure the change in VBE when the thermal diode is operated
at two different currents. This is shown in the following
equation:
where:
n = multiplication factor close to 1, depending on process
variations
k = Boltzmann’s constant
T = temperature (°C)
q = charge of the electron
N = ratio of the two currents
The two currents are usually in the range of 10 micro Amperes
to 300 micro Amperes for the common temperature sensor
chips available.
Table 14 contains the thermal diode specifications using the
transistor model. Note that Measured Ideality Factor already
takes into effect variations in beta (
Β).
Table 13. Thermal Characteristics
Parameter
Condition
Typical
Unit
θJA
0 linear m/s air flow
16.7
°C/W
θJMA
1 linear m/s air flow
14.6
°C/W
θJMA
2 linear m/s air flow
13.9
°C/W
θJC
4.41
°C/W
ΨJT
0 linear m/s air flow
0.11
°C/W
ΨJT
1 linear m/s air flow
0.24
°C/W
ΨJT
2 linear m/s air flow
0.25
°C/W
TJ
TCASE
Ψ
JT
PD
×
()
+
=
TJ
TA
θ
JA
PD
×
()
+
=
ΔV
BE
n
kT
q
------
In(N)
×
×
=
Table 14. Thermal Diode Parameters – Transistor Model
Symbol
Parameter
Min
Typ
Max
Unit
IFW
1
Forward Bias Current
TBD
TBD
μA
IE
Emitter Current
TBD
TBD
μA
nQ
2, 3
Transistor Ideality
TBD
TBD
TBD
RT
3, 4
Series Resistance
TBD
TBD
TBD
Ω
1 Analog Devices does not recommend operation of the thermal diode under reverse bias.
2 Not 100% tested. Specified by design characterization.
3 The ideality factor, nQ, represents the deviation from ideal diode behavior as exemplified by the diode equation: IC = IS × (e qVBE/nqkT –1), where IS = saturation current,
q = electronic charge, VBE = voltage across the diode, k = Boltzmann Constant, and T = absolute temperature (Kelvin).
4 The series resistance (RT) can be used for more accurate readings as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com