Electronic Components Datasheet Search
  English  ▼

X  

KA4976-AL Datasheet(PDF) 4 Page - Analog Devices

Part # KA4976-AL
Description  Isolated Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

KA4976-AL Datasheet(HTML) 4 Page - Analog Devices

  KA4976-AL Datasheet HTML 1Page - Analog Devices KA4976-AL Datasheet HTML 2Page - Analog Devices KA4976-AL Datasheet HTML 3Page - Analog Devices KA4976-AL Datasheet HTML 4Page - Analog Devices KA4976-AL Datasheet HTML 5Page - Analog Devices KA4976-AL Datasheet HTML 6Page - Analog Devices KA4976-AL Datasheet HTML 7Page - Analog Devices KA4976-AL Datasheet HTML 8Page - Analog Devices KA4976-AL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADuM3070
Data Sheet
Rev. 0 | Page 4 of 20
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
4.5 V ≤ VDD1 = VDDA ≤ 5.5 V, VDD2 = VREG = VISO = 3.3 V, fSW = 500 kHz, all voltages are relative to their respective grounds, see the application
schematic in Figure 31. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All
typical specifications are at TA = 25°C, VDD1 = VDDA = 5.0 V, VDD2 = VREG = VISO = 3.3 V.
Table 3. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Isolated Output Voltage
VISO
3.0
3.3
3.63
V
IISO = 0 mA, VISO = VFB × (R1 + R2)/R2
Feedback Voltage Setpoint
VFB
1.15
1.25
1.37
V
IISO = 0 mA
Line Regulation
VISO (LINE)
1
10
mV/V
IISO = 50 mA, VDD11 = VDDA2 = 4.5 V to 5.5V
Load Regulation
VISO (LOAD)
1
2
%
IISO = 50 mA to 200 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth, COUT = 0.1 µF||47 µF, IISO = 100 mA
Output Noise
VISO (NOISE)
100
mV p-p
20 MHz bandwidth, COUT = 0.1 µF||47 µF, IISO = 100 mA
Switching Frequency
fSW
1000
kHz
ROC = 50 kΩ
200
kHz
ROC = 270 kΩ
209
318
515
kHz
VOC = VDD2 (open-loop)
IDDA Quiescent
IDDA (Q)
3.5
5
mA
Switch On Resistance
RON
0.5
Ω
Maximum Output Supply Current
IISO (MAX)
400
500
mA
f ≤ 1 MHz, VISO = 3.3 V
Efficiency at Maximum Output Current
70
%
IISO = IISO (MAX), f ≤ 1 MHz
1
VDD1 is the power supply for the push-pull transformer.
2
VDDA is the power supply of Side 1 of the ADuM3070.
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/15 V SECONDARY ISOLATED SUPPLY
4.5 V ≤ VDD1 = VDDA ≤ 5.5 V, VREG = VISO = 15 V, VDD2 = 5.0 V, fSW = 500 kHz, all voltages are relative to their respective grounds, see the
application schematic in Figure 32. All minimum/maximum specifications apply over the entire recommended operating range, unless
otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDDA = 5.0 V, VREG = VISO = 15 V, VDD2 = 5.0 V.
Table 4. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Isolated Output Voltage
VISO
13.8
15.0
16.5
V
IISO = 0 mA, VISO = VFB × (R1 + R2)/R2
Feedback Voltage Setpoint
VFB
1.15
1.25
1.37
V
IISO = 0 mA
VDD2 Linear Regulator Voltage
VDD2
4.5
5.0
5.48
V
VREG = 7 V to 15 V, IDD2 = 0 mA to 50 mA
Dropout Voltage
VDD2DO
0.5
1.5
V
IDD2 = 50 mA
Line Regulation
VISO (LINE)
1
10
mV/V
IISO = 50 mA, VDD11 = VDDA2 = 4.5 V to 5.5 V
Load Regulation
VISO (LOAD)
1
3
%
IISO = 20 mA to 100 mA
Output Ripple
VISO (RIP)
200
mV p-p
20 MHz bandwidth, COUT = 0.1 µF||47 µF, IISO = 100 mA
Output Noise
VISO (NOISE)
500
mV p-p
20 MHz bandwidth, COUT = 0.1 µF||47 µF, IISO = 100 mA
Switching Frequency
fSW
1000
kHz
ROC = 50 kΩ
200
kHz
ROC = 270 kΩ
192
318
515
kHz
VOC = VDD2 (open-loop)
IDDA Quiescent
IDDA (Q)
3.5
5
mA
Switch On Resistance
RON
0.5
Ω
Maximum Output Supply Current
IISO (MAX)
100
140
mA
f ≤ 1 MHz, VISO = 15.0 V
Efficiency at Maximum Output Current
70
%
IISO = IISO (MAX), f ≤ 1 MHz
1
VDD1 is the power supply for the push-pull transformer.
2
VDDA is the power supply of Side 1 of the ADuM3070.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com