Electronic Components Datasheet Search
  English  ▼

X  

ADV7181D Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7181D
Description  10-Bit, 10-Channel, Multiformat SDTV/HDTV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181D Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7181D Datasheet HTML 13Page - Analog Devices ADV7181D Datasheet HTML 14Page - Analog Devices ADV7181D Datasheet HTML 15Page - Analog Devices ADV7181D Datasheet HTML 16Page - Analog Devices ADV7181D Datasheet HTML 17Page - Analog Devices ADV7181D Datasheet HTML 18Page - Analog Devices ADV7181D Datasheet HTML 19Page - Analog Devices ADV7181D Datasheet HTML 20Page - Analog Devices ADV7181D Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADV7181D
Rev. 0 | Page 17 of 24
The analog input muxes of the ADV7181D must be controlled
directly. This is referred to as manual input muxing. The manual
muxing is activated by setting the ADC_SW_MAN_EN bit (see
Table 9). It affects only the analog switches in front of the ADCs.
The INSEL, SDM_SEL, PRIM_MODE, and VID_STD bits must
still be set so that the follow-on blocks process the video data in
the correct format.
Not every input pin can be routed to any ADC. The analog
signal routing inside the IC imposes restrictions on the channel
routing. See Table 9 for an overview of the routing capabilities
inside the chip. The four mux sections can be controlled by the
reserved control signal buses ADC0_SW[3:0], ADC1_SW[3:0],
ADC2_SW[3:0], and ADC3_SW[3:0].
Table 9 explains the ADC mapping configuration for the following:
•
ADC_SW_MAN_EN, manual input muxing enable,
IO map, Address C4[7]
•
ADC0_SW[3:0], ADC0 mux configuration, IO map,
Address C3[3:0]
•
ADC1_SW[3:0], ADC1 mux configuration, IO map,
Address C3[7:4]
•
ADC2_SW[3:0], ADC2 mux configuration, IO map,
Address C4[3:0]
•
ADC3_SW[3:0], ADC3 mux configuration, IO map,
Address F3[7:4]
Table 9. Manual MUX Settings for All ADCs
ADC_SW_MAN_EN = 1
ADC0_SW[3:0]
ADC0
Connection
ADC1_SW[3:0]
ADC1
Connection
ADC2_SW[3:0]
ADC2
Connection
ADC3_SW[3:0]
ADC3
Connection
0000
N/A
0000
N/A
0000
N/A
0000
N/A
0001
AIN2
0001
N/A
0001
N/A
0001
N/A
0010
AIN3
0010
N/A
0010
AIN3
0010
N/A
0011
AIN5
0011
AIN5
0011
N/A
0011
N/A
0100
AIN6
0100
AIN6
0100
AIN6
0100
AIN6
0101
AIN8
0101
AIN8
0101
AIN8
0101
N/A
0110
AIN10
0110
AIN10
0110
AIN10
0110
N/A
0111
N/A
0111
N/A
0111
N/A
0111
N/A
1000
N/A
1000
N/A
1000
N/A
1000
N/A
1001
AIN1
1001
N/A
1001
N/A
1001
AIN1
1010
N/A
1010
N/A
1010
N/A
1010
N/A
1011
AIN4
1011
AIN4
1011
N/A
1011
N/A
1100
N/A
1100
N/A
1100
N/A
1100
N/A
1101
AIN7
1101
AIN7
1101
AIN7
1101
N/A
1110
AIN9
1110
AIN9
1110
AIN9
1110
N/A
1111
N/A
1111
N/A
1111
N/A
1111
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com