Electronic Components Datasheet Search
  English  ▼

X  

ADV7513 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7513
Description  165 MHz, High Performance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7513 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7513 Datasheet HTML 3Page - Analog Devices ADV7513 Datasheet HTML 4Page - Analog Devices ADV7513 Datasheet HTML 5Page - Analog Devices ADV7513 Datasheet HTML 6Page - Analog Devices ADV7513 Datasheet HTML 7Page - Analog Devices ADV7513 Datasheet HTML 8Page - Analog Devices ADV7513 Datasheet HTML 9Page - Analog Devices ADV7513 Datasheet HTML 10Page - Analog Devices ADV7513 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADV7513
Rev. 0 | Page 7 of 12
Pin No.
Mnemonic
Type
Description
28
INT
Output
Interrupt Signal Output.
29
DVDD_3V
Power
3.3 V Power Supply.
30
CEC
Input/output
CEC Data Signal.
32
CEC_CLK
Input
CEC Clock (Oscillator from 3 MHz to 100 MHz).
33
DDCSCL
Control
Serial Port Data Clock to Sink.
34
DDCSDA
Control
Serial Port Data Input/Output to Sink.
35
SCL
Control
Serial Port Data Clock Input.
36
SDA
Control
Serial Port Data Input/Output.
37 to 50, 52,
54 to 62
D[23:0]
Input
Video Data Inputs.
53
CLK
Input
Video Input Clock.
63
DE
Input
Data Enable Signal for Digital Video.
64
HSYNC
Input
Horizontal Synchronization Input.
EPAD
Power
The exposed pad is the electrical ground for the part and must be soldered to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com