Electronic Components Datasheet Search
  English  ▼

X  

SSM2932 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2932
Description  High Efficiency, Ground-Referenced
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2932 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2932 Datasheet HTML 4Page - Analog Devices SSM2932 Datasheet HTML 5Page - Analog Devices SSM2932 Datasheet HTML 6Page - Analog Devices SSM2932 Datasheet HTML 7Page - Analog Devices SSM2932 Datasheet HTML 8Page - Analog Devices SSM2932 Datasheet HTML 9Page - Analog Devices SSM2932 Datasheet HTML 10Page - Analog Devices SSM2932 Datasheet HTML 11Page - Analog Devices SSM2932 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SSM2932
Data Sheet
Rev. 0 | Page 8 of 16
1
0.1
0.01
0.001
10
100
1k
10k
100k
FREQUENCY (Hz)
PO = 5mW
PO = 10mW
PO = 20mW
Figure 9. THD + N vs. Frequency, PVDD = 3.6 V, RL = 32 Ω
1
0.1
0.01
0.001
10
100
1k
10k
100k
FREQUENCY (Hz)
PO = 5mW
PO = 10mW
PO = 20mW
Figure 10. THD + N vs. Frequency, PVDD = 2.5 V, RL = 32 Ω
–50
–80
–70
–60
–90
–100
10
100
1k
10k
100k
FREQUENCY (Hz)
LEFT CHANNEL
RIGHT CHANNEL
Figure 11. PSRR vs. Frequency, PVDD = 3.0 V, RL = 32 Ω
1
0.1
0.01
0.001
10
100
1k
10k
100k
FREQUENCY (Hz)
PO = 5mW
PO = 10mW
PO = 20mW
Figure 12. THD + N vs. Frequency, PVDD = 3.6 V, RL = 16 Ω
1
0.1
0.01
0.001
10
100
1k
10k
100k
FREQUENCY (Hz)
PO = 5mW
PO = 10mW
PO = 20mW
Figure 13. THD + N vs. Frequency, PVDD = 2.5 V, RL = 16 Ω
–50
–80
–70
–60
–90
–100
10
100
1k
10k
100k
FREQUENCY (Hz)
LEFT CHANNEL
RIGHT CHANNEL
Figure 14. PSRR vs. Frequency, PVDD = 3.0 V, RL = 16 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com