Electronic Components Datasheet Search
  English  ▼

X  

ADR365 Datasheet(PDF) 19 Page - Analog Devices

Part # ADR365
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR365 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR365 Datasheet HTML 15Page - Analog Devices ADR365 Datasheet HTML 16Page - Analog Devices ADR365 Datasheet HTML 17Page - Analog Devices ADR365 Datasheet HTML 18Page - Analog Devices ADR365 Datasheet HTML 19Page - Analog Devices ADR365 Datasheet HTML 20Page - Analog Devices ADR365 Datasheet HTML 21Page - Analog Devices ADR365 Datasheet HTML 22Page - Analog Devices ADR365 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. 0 | Page 19 of 32
Figure 45. ADR4530 Line Transient Response
Figure 46. ADR4530 Output Impedance vs. Frequency
Figure 47. ADR4530 Output Voltage Drift Distribution After Reflow (SHR Drift)
Figure 48. ADR4530 Typical Long-Term Output Voltage Drift
(1000 Hours)
CH1 1.00V
CH2 1.00mV
B
W
M200µs
A CH1
7.02V
2
1
ADR4530
INPUT
OUTPUT AC
CIN = 0.1µF
COUT = 1µF
T
T 10.0%
FREQUENCY (Hz)
0
60
50
40
30
20
10
ADR4530
RL = 100kΩ
CL = 10µF
RL = 1kΩ
CL = 10µF
RL = 1kΩ
CL = 1µF
RL = 100kΩ
CL = 1µF
10M
1M
1
10
100
1k
10k
100k
OUTPUT VOLTAGE (%)
0
12
10
8
6
4
2
ADR4520
ADR4525
ADR4530
ADR4533
ADR4540
ADR4550
DURATION (Hours)
–80
80
60
40
20
0
–20
–40
–60
1000
0
200
400
600
800
100
300
500
700
900
ADR4520
ADR4525
ADR4530
ADR4533
ADR4540
ADR4550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com