Electronic Components Datasheet Search
  English  ▼

X  

SF101C Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # SF101C
Description  10.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIER ITO-220 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SF101C Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  SF101C Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SF101C Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIER
2005.12
SF108FC
ITO-220 PACKAGE
WILLAS ELECTRONIC CORP.
WILLAS
SF101FC
THRU
RATING AND CHARACTERISTIC CURVES ( SF101FC THRU SF108FC )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, ( )
0
50
100
150
12.5
10
7.5
5
2.5
0
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
125
100
80
60
40
20
0
1
2
5
10
20
50
100
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
1000
100
10
1.0
0.1
20
0
40
60
80
100
120
140
TC = 100
TC = 25
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
40
20
10
4
2
1.0
.4
.2
.1
.6
.7
.8
.9
1.0
1.1
1.2
1.3
TJ=25
Pulse Width = 300uS
1% Duty Cycle
SF1
01
FC~SF1
04
FC
SF1
05
FC~SF1
08
FC
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20 40
100
SF1
01FC~SF1
04FC
SF1
05FC~SF1
08FC
TJ = 25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com