Electronic Components Datasheet Search
  English  ▼

X  

ARF1877 Datasheet(PDF) 18 Page - Amphenol Corporation

Part # ARF1877
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ARF1877 Datasheet(HTML) 18 Page - Amphenol Corporation

Back Button ARF1877 Datasheet HTML 14Page - Amphenol Corporation ARF1877 Datasheet HTML 15Page - Amphenol Corporation ARF1877 Datasheet HTML 16Page - Amphenol Corporation ARF1877 Datasheet HTML 17Page - Amphenol Corporation ARF1877 Datasheet HTML 18Page - Amphenol Corporation ARF1877 Datasheet HTML 19Page - Amphenol Corporation ARF1877 Datasheet HTML 20Page - Amphenol Corporation ARF1877 Datasheet HTML 21Page - Amphenol Corporation ARF1877 Datasheet HTML 22Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
BNC 50 ohm
Amphenol
®
Caps & Accessories
122
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Description
Dimensions, inches (millimeters)
Notes
Military
Amphenol
Fig.
a
b
c
e
Plt.
Ins.
Number
Number
50
Ω
P1
D1
—
35650-51*
1
Male Cap & Chain
75
Ω
1.19(30.2)
.562(14.3)
.144(3.7)
3.50(88.9)
P1
D1
—
35650-75*
1
Resistor Terminated, 1% 1/2watt
51
Ω
P1
D6
MX-554
4700-51*
s
1
Male Cap, Resistor Terminated,
51
Ω
46650-51*
2
1% 1 watt
1.12(28.6)
.562(14.3)
—
—
P1
D1
—
50
Ω
46650-51RFX
3
Male Cap, Resistor Terminated,
75
Ω
1.11(28.1)
.571(14.5)
—
—
P1
D23
—
46650-75RFX
3
1% 1 watt
93
Ω
46650-93RFX
3
Male Cap & Chain
.688(17.5)
.563(14.3)
.130(3.3)
2.25(57.2)
P3
—
CW-123/U
31-6*
4
Male Shorting Cap & Chain
.688(17.5)
.563(14.3)
.144(3.7)
2.50(63.5)
P1
—
CW-159/U
31-17*
5
Male Shorting Cap
.594(15.1)
.563(14.3)
—
—
P1
—
—
5275*
6
Pkg. of 25 Lugs Used Inside Panel on Front Mount
.961(24.4)
.578(14.7)
—
—
P3
—
(IBM 2245373)
31-759*
7
Bulkhead Receptacles to Ground Cable Shield*
Pkg. of 25 Lugs Used Inside Panel on Front Mount
1.156(29.4)
.578(14.7)
—
—
P8
—
—
31-10152-RFX*
8
Bulkhead Receptacles for Ground Wire to Circuit
BNC CAPS & ACCESSORIES
s IBM 3110787 * recognized under the component program of U.L., Inc.
v distributor stocked
v
v
v
v
v
v
v
Grounding Lug
31-759
Grounding Lug
31-10152-RFX
BNC Resistor Term. Male Caps
46650-51RFX 50
Ω
46650-75RFX 75
Ω
46650-93RFX 93
Ω
Fig. 3
Fig. 6
Fig. 1
BNC Resistor Term. Male Cap
46650-51 50
Ω
BNC Res. Term. Caps & Chains
35650-51
35650-75
4700-51
BNC Male Shorting Cap
5275
BNC Male Shorting Cap and Chain
31-17
BNC Male Cap and Chain
31-6
b
a
e
c
b
a
b
a
b
a
.375
Fig. 4
Fig. 5
Fig. 2
Fig. 7
Fig. 8
.390.
(9.9)
dia.
b
b
a
a
a
b
e
e
c
c
a
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com