Electronic Components Datasheet Search
  English  ▼

X  

ARF1807 Datasheet(PDF) 13 Page - Amphenol Corporation

Part # ARF1807
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ARF1807 Datasheet(HTML) 13 Page - Amphenol Corporation

Back Button ARF1807 Datasheet HTML 9Page - Amphenol Corporation ARF1807 Datasheet HTML 10Page - Amphenol Corporation ARF1807 Datasheet HTML 11Page - Amphenol Corporation ARF1807 Datasheet HTML 12Page - Amphenol Corporation ARF1807 Datasheet HTML 13Page - Amphenol Corporation ARF1807 Datasheet HTML 14Page - Amphenol Corporation ARF1807 Datasheet HTML 15Page - Amphenol Corporation ARF1807 Datasheet HTML 16Page - Amphenol Corporation ARF1807 Datasheet HTML 17Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
BNC 50 ohm
Amphenol
®
PCB Receptacles and Accessories
117
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Description
Terminal
Dimensions, inches (millimeters)
Notes
Mtg.
Notes
Amphenol
Fig.
Type
a
b
e
Plt.
Ins.
Hole
Imp
Number
P26
D17
Round
50
Ω
31-5431
Standard Height
Blunt Posts
P26
D17
R/P
Iso. White Housing
Fork
50
Ω
31-5431-1010
Printed Circuit
P26
D20
Round
50
Ω
31-5538
1
Angle Bulkhead
for Signal
1.40(35.6)
.810(20.6)
.250(6.4)
P26
D20
R/P
Iso. Black Housing
Fork
50
Ω
31-5538-1010
Receptacle (J)✩
& Ground
P25
D20
R/P
Stamp
50
Ω
31-5538-10RFX
1
P26
D22
Round
50
Ω
31-5640
P26
D22
R/P
Metal Housing
Fork
50
Ω
31-5640-1010
P25
D17
R/P
Iso. White Housing
Fork
50
Ω
31-5431-10RFX
1
P26
D17
Round
50
Ω
31-5486
Low Profile
Blunt Posts
P26
D17
R/P
Iso. White Housing
Fork
50
Ω
31-5486-1010
Printed Circuit
P26
D20
Round
50
Ω
31-5540
2
Angle Bulkhead
for Signal
1.40(35.6)
.810(20.6)
.250(6.4)
P26
D20
R/P
Iso. Black Housing
Fork
50
Ω
31-5540-1010
Receptacle (J)✩
& Ground
P26
D22
R/P
Metal Housing
Round
50
Ω
31-5637
P26
D17
Round
50
Ω
31-5493
Vertical
Blunt Posts
P26
D17
V/P
Iso. White Housing
Fork
50
Ω
31-5493-1010
Printed Circuit
P26
D20
Round
50
Ω
31-5539
3
Bulkhead
for Signal
1.40(35.6)
.810(20.6)
.250(6.4)
P26
D20
V/P
Iso. Black Housing
Fork
50
Ω
31-5539-1010
Receptacle (J)✩
& Ground
P26
D22
Round
50
Ω
31-5633
P26
D22
V/P
Metal Housing
Fork
50
Ω
31-5633-1010
P25
D13
R/P
Iso. White Housing
Fork
50
Ω
31-5486-10RFX
2
P25
D20
R/P
Iso. Black Housing
Fork
50
Ω
31-5540-10RFX
2
Hex Nut for BNC Bulkhead PCB Receptacles, Package of 100 ea.
P3
—
—
Nickel Plated
—
—
31-5652
4
Lockwasher for BNC Bulkhead PCB Receptacles, Package of 100 ea.
P3
—
—
Nickel Plated
—
—
31-5653
5
BNC PRINTED CIRCUIT BOARD BULKHEAD RECEPTACLES AND ACCESSORIES
Pkg. of 100, Hex Nut
for BNC Bulkhead PCB Receptacles
31-5652v Nickel Plated
Fork Pin holds connectors rigidly to
P.C. Board for high temperature and mass
production assembly
Round Pin (Standard)
Pkg. of 100, Lockwasher
for BNC PCB Bulkhead Receptacles
31-5653v Nickel Plated
Fig. 4
Fig. 5
MTG.
Pin
Type
v
v
v
v
v
v
v
✩ Jam nuts and lockwashers sold separately. See Figs. 4 & 5 v distributor stocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com