Electronic Components Datasheet Search
  English  ▼

X  

MTPH48K3NO Datasheet(PDF) 13 Page - Switchcraft, Inc.

Part # MTPH48K3NO
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

MTPH48K3NO Datasheet(HTML) 13 Page - Switchcraft, Inc.

Back Button MTPH48K3NO Datasheet HTML 9Page - Switchcraft, Inc. MTPH48K3NO Datasheet HTML 10Page - Switchcraft, Inc. MTPH48K3NO Datasheet HTML 11Page - Switchcraft, Inc. MTPH48K3NO Datasheet HTML 12Page - Switchcraft, Inc. MTPH48K3NO Datasheet HTML 13Page - Switchcraft, Inc. MTPH48K3NO Datasheet HTML 14Page - Switchcraft, Inc. MTPH48K3NO Datasheet HTML 15Page - Switchcraft, Inc. MTPH48K3NO Datasheet HTML 16Page - Switchcraft, Inc. MTPH48K3NO Datasheet HTML 17Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
PATCHBAYS
12
Features and Benefits
• Unit Features either 8,16, 24, or 32 TT style
jacks on the front Panels, to a 9 pin D-Sub.
• All versions utilize low capacitance internal
wiring for maximum performance of
transferring data
• All standard units are available 1 or 2 rack
units high (1.5 RU available by request)
• Rugged, attractive black epoxy finished
steel frame chassis
Specifications
Electrical
Internal Wiring:
24 AWG Solid TC, foils shield
Nom Capacitance: 11.5 pF/ft between conductors
21.3 pF/ft between one conductor and conductor
connected to the shield
Nom. Impedence: 110 Ohms
Ordering Information
Part
No. of
Front Panel
Back
Rack
Number*
Jacks
Layout
Plane
Height
RS422H4N081
2 x 8
Horizontal
9 Pin D-Sub
1
RS422V4N081
2 x 8
Vertical
9 Pin D-Sub
1
RS422H4N161
2 x 16
Horizontal
9 Pin D-Sub
1
RS422H4N162
2 x 16
Horizontal
9 Pin D-Sub
2
RS422V4N161
2 x 16
Vertical
9 Pin D-Sub
1
RS422V4N162
2 x 16
Vertical
9 Pin D-Sub
2
RS422H4N242
2 x 24
Horizontal
9 Pin D-Sub
2
RS422V4N242
2 x 24
Vertical
9 Pin D-Sub
2
RS422V4N322
2 x 32
Vertical
9 Pin D-Sub
2
*Add “N” for non-normalled version
RS 422 Data Patchbay Series
Our standard RS data jackfield series offer a multiple combination of
ports, rack heights, and back panel terminations which will easily fit
into any television broadcast or video production where custom data
patching is required. Custom ports and rack height combinations can
be supplied. Contact the factory for details.
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com