Electronic Components Datasheet Search
  English  ▼

X  

RB520S-30 Datasheet(PDF) 4 Page - Comchip Technology

Part # RB520S-30
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RB520S-30 Datasheet(HTML) 4 Page - Comchip Technology

  RB520S-30 Datasheet HTML 1Page - Comchip Technology RB520S-30 Datasheet HTML 2Page - Comchip Technology RB520S-30 Datasheet HTML 3Page - Comchip Technology RB520S-30 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
REV:B
Part Number
RB520S-30
Marking Code
B
Marking Code
Comchip Technology CO., LTD.
B
QW-BB023
Suggested PAD Layout
SIZE
(inch)
0.055
(mm)
1.40
0.60
0.70
0.024
0.028
SOD-523
2.00
0.079
E
0.80
0.031
A
B
C
D
SMD Schottky Barrier Diodes
A
B
C
E
D
SOD-523
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com