Electronic Components Datasheet Search
  English  ▼

X  

SB320E-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SB320E-G
Description  ESD Leaded Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB320E-G Datasheet(HTML) 2 Page - Comchip Technology

  SB320E-G Datasheet HTML 1Page - Comchip Technology SB320E-G Datasheet HTML 2Page - Comchip Technology SB320E-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES (
)
SB320E-G Thru. SB3100E-G
Page 2
QW-BB042
REV:A
Fig.1- Forward Current Derating Curve
0
O
Lead Temperature, ( C)
0
75
175
Fig.2- Maximum Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
Fig.3- Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (V)
50
100
125
1.2
2.4
3.6
Fig.4A- Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
25
150
Fig.5- Typical Junction Capacitance
Reverse Voltage, (V)
ESD Leaded Schottky Barrier Rectifiers
3.0
1.8
0.6
Comchip Technology CO., LTD.
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
Fig. 4B- Typeical Reverse Characteristic
Percent of Rated Peak Reverse Voltage, ( %)
1
10
100
1
10
100
TL=110°C
8.3mS single half sine-wave
(JEDEC Method)
0
0.2
0.4
0.6
0.8
1.0
100
10
1.0
0.1
SB380E-G - SB3100E-G
SB350E-G - SB360E-G
SB320E-G - SB345E-G
TJ=25°C
TJ=75°C
TJ=125°C
SB320E-G - SB345E-G
0.1
1.0
10
100
100
1000
10
TJ=25°C
f=1.0MHz
1000
100
10
1.0
0.1
0
20
40
60
80
100
SB350E-G - SB3100E-G
TJ=100°C
TJ=125°C
TJ=150°C
TJ=25°C
SB320E-G ~ SB345E-G
SB350E
~ SB3100E
-G
-G
single phase half wave 60Hz
resistive or inductive load
3.75”(9.5mm) lead length
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com