Electronic Components Datasheet Search
  English  ▼

X  

SB320-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SB320-G
Description  Leaded Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB320-G Datasheet(HTML) 1 Page - Comchip Technology

  SB320-G Datasheet HTML 1Page - Comchip Technology SB320-G Datasheet HTML 2Page - Comchip Technology SB320-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Leaded Schottky Barrier Rectifiers
QW-BB024
Page 1
REV:B
Electrical Characteristics (at TA=25°C unless otherwise noted)
Ratings at 25°C ambient temperature unless otherwise specified.
Voltage: 20 to 100 V
Current: 3.0 A
RoHS Device
SB320-G Thru. SB3100-G
Dimensions in inches and (millimeter)
DO-201AD
Comchip Technology CO., LTD.
1.0(25.4) Min.
1.0(25.4) Min.
0.375(9.5)
0.287(7.3)
0.210(5.3)
0.189(4.8)
0.052(1.30)
0.048(1.20)
Features
Mechanical data
-Low drop down voltage.
-Metal-Semiconductor junction with guard ring
-High surge current capability
-Silicon epitaxial planar chips.
-Lead-free part, meet RoHS requirements.
-Epoxy: UL94-V0 rated flame retardant
-Case: Molded plastic body DO-201AD
-Terminals: Solderable per MIL-STD-750 Method 2026
-Polarity: Color band denotes cathode end
-Mounting Position: Any
-Weight: 1.12grams
-For use in low voltage, high efficiency inverters,
free wheeling, and polarity protection applications
Parameter
Symbol
Unit
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=100°C, See Figure 1
Peak forward surge current
8.3ms single half sine-wave superimposed on rated load
(JEDEC method) TL=110°C
Maximum f
3.0A
orward voltage at
Maximum DC reverse current
TA=25°C
At rated DC blocking voltage
TA=100°C
Typical junction capacitance (Note 1)
Operating junction temperature range
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ
-55 to +150
V
V
V
A
A
V
pF
°C/W
mA
NOTES:
1.
.
Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
Storage temperature range
2. Thermal resistance junction to ambient and junction to lead.
TSTG
°C
°C
Typical t
(Note 2)
hermal resistance
RθJA
RθJL
20
20
40
40
45
45
50
50
60
60
80
80
100
100
14
28
30
35
42
56
70
3.0
-55 to +150
-55 to +125
10
20
40.0
20.0
0.5
0.50
0.85
0.70
250
80
SB
320-G
SB
340-G
SB
345-G
SB
350-G
SB
360-G
SB
3100-G
SB
380-G
Comchip
S M D D i o d e S p e c i a l i s t
90


Similar Part No. - SB320-G

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
SB320-1.5 GSG-SB320-1.5 Datasheet
197Kb / 1P
Chips for Schottky Diodes
SB320-1.8 GSG-SB320-1.8 Datasheet
208Kb / 1P
Chips for Schottky Diodes
logo
Nanjing International G...
SB320-3A-DO-27 DGNJDZ-SB320-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SB320-B DIODES-SB320-B Datasheet
70Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
SB320-B DIODES-SB320-B Datasheet
78Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 9 - 2
More results

Similar Description - SB320-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
5.0A Axial Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
5A Leaded Type Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com