Electronic Components Datasheet Search
  English  ▼

X  

SB520-G Datasheet(PDF) 3 Page - Comchip Technology

Part # SB520-G
Description  Leaded Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB520-G Datasheet(HTML) 3 Page - Comchip Technology

  SB520-G Datasheet HTML 1Page - Comchip Technology SB520-G Datasheet HTML 2Page - Comchip Technology SB520-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Leaded Schottky Barrier Rectifiers
Page 3
QW-BB051
REV:A
Comchip Technology CO., LTD.
Comchip
S M D D i o d e S p e c i a l i s t
Marking Code
XXX / XXXX = Product type marking code
SBXXX
Marking Code
Standard Packaging
1) Suffix code after part number to specify packaging item .
Note:
Packaging
AMMO Reel PACK
BULK PACK
Code
T
B
Marking code
Part Number
SB540B-G
SB545B-G
SB550B-G
SB560B-G
SB580B-G
SB5100B-G
SB520T-G
SB540T-G
SB545T-G
SB550T-G
SB560T-G
SB580T-G
SB5100T-G
SB520B-G
Packaging
AMMO REEL
AMMO REEL
AMMO REEL
AMMO REEL
AMMO REEL
AMMO REEL
AMMO REEL
BULK
BULK
BULK
BULK
BULK
BULK
BULK
SB540
SB545
SB550
SB560
SB580
SB5100
SB520
SB540
SB545
SB550
SB560
SB580
SB5100
SB520
Case Type
DO-201AD
200
BOX
( pcs )
BULK PACK
CARTON
( pcs )
12,000
Case Type
DO-201AD
1,200
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com