Electronic Components Datasheet Search
  English  ▼

X  

TB2S Datasheet(PDF) 4 Page - Comchip Technology

Part # TB2S
Description  Silicon Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TB2S Datasheet(HTML) 4 Page - Comchip Technology

  TB2S Datasheet HTML 1Page - Comchip Technology TB2S Datasheet HTML 2Page - Comchip Technology TB2S Datasheet HTML 3Page - Comchip Technology TB2S Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Comchip Technology CO., LTD.
Page 4
REV:A
Standard Packaging
QW-BBR53
A
D
0.027MIN
0.68MIN
4.0±0.1
0.62MIN
0.157±0.004
0.024MIN
6.70MAX
0.264MAX
B
C
Suggested PAD Layout
SIZE
(inch)
(mm)
TBS
A
B
C
D
Case Type
TBS
1,500
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
Silicon Bridge Rectifiers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com