Electronic Components Datasheet Search
  English  ▼

X  

ES51998 Datasheet(PDF) 21 Page - Cyrustek corporation

Part # ES51998
Description  DMM Analog front end/Insulation
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51998 Datasheet(HTML) 21 Page - Cyrustek corporation

Back Button ES51998 Datasheet HTML 17Page - Cyrustek corporation ES51998 Datasheet HTML 18Page - Cyrustek corporation ES51998 Datasheet HTML 19Page - Cyrustek corporation ES51998 Datasheet HTML 20Page - Cyrustek corporation ES51998 Datasheet HTML 21Page - Cyrustek corporation ES51998 Datasheet HTML 22Page - Cyrustek corporation ES51998 Datasheet HTML 23Page - Cyrustek corporation ES51998 Datasheet HTML 24Page - Cyrustek corporation ES51998 Datasheet HTML 25Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ver. 1.7
12/01/12
21
ES51998(60000counts)
DMM Analog front end/Insulation
Status Flag
LDUTY=1
LDUTY=0
Duty cycle (<60kHz)
10000-D2*10000/D3
D2*10000/D3
The status flag F_FIN indicate the frequency input signal available (> FMIN) or not. If the
computed result less than FMIN, the frequency/duty cycle readings should be set to zero.
The status flags HF & LF are used for fast judgment of proper range. If frequency input is
larger than 7 kHz, HF will be active. If frequency input is floating or frequency detected too
low, LF will be active.
Auto range consideration for MPU by using Status Flags of frequency mode
Flag
F_FIN=0
F_FIN=1
F_FIN=1
Range
LF=0
LF=1*
HF=LF=0
HF=1**
60.000Hz
600.00Hz
6.0000KHz
Data and Range
is not necessary
to be updated
Hz/Duty=0
Change range
depends on data
computed
Set range to
60.000kHz
range
Set range to
60.000Hz range
60.000KHz
600.00KHz
6.0000MHz
60.000MHz
Change range
depends on data
computed
*Note: LF=1 @ 60Hz range implies the frequency is not available to be measured. The Hz/Duty readings
should be set to zero.
**Note: When ACV+Hz/ACA+Hz/ADP+Hz mode is selected, the HF status should be ignored. Change range
depends on data calculation result.
Duty cycle mode range (Input sensitivity > 2Vpp @ duty cycle = 5.0% & 95.0%)
Freq. range
Duty range*
60.000Hz
600.00Hz
5.0% - 95.0%
6.0000KHz
10.0 % - 90.0%
60.000KHz
20.0% – 80.0%
*Note: Duty range for AC+Hz(%) is 20% ~ 80%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com