Electronic Components Datasheet Search
  English  ▼

X  

T8301AX Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # T8301AX
Description  Terminator Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

T8301AX Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  T8301AX Datasheet HTML 1Page - Molex Electronics Ltd. T8301AX Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/26/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
11-40-2096
Status:
Active
Description:
Terminator Die
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T1801
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
N/A
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Terminator Die
Material Info
Old Part Number
T8301AX
Reference - Drawing Numbers
Application Tooling Documents
ATS-011402096, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638500090, TM-638500090SP
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T1801Series
Use With
Molex TM-42™ press 0690025001 and base
unit 0011193001 for the 3BF press
Application Tooling
| FAQ
Description
Product #
KK® Trifurcon™
Crimp Terminal
6838, 18-20 AWG,
Reel, Phosphor
Bronze Tin(Sn)
0008520112
KK® Trifurcon™
Crimp Terminal
6438, 18-20 AWG,
Reel, Phosphor
Bronze Gold (Au)
0008580187
3.96mm Pitch KK®
Crimp Terminal
2478, 18-24 AWG,
Reel, Phosphor
Bronze, 0.51µm
Selective Gold (Au)
0008580121


Similar Part No. - T8301AX

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8301 AGERE-T8301 Datasheet
1Mb / 190P
T8301 Internet Protocol Telephone Phone-On-A-Chip??IP Solution DSP
December 2000
logo
Molex Electronics Ltd.
T8301BX MOLEX11-T8301BX Datasheet
25Kb / 2P
Terminator Die
T8301DX MOLEX11-T8301DX Datasheet
24Kb / 1P
Terminator Die
More results

Similar Description - T8301AX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011402001 MOLEX11-0011402001 Datasheet
26Kb / 3P
Terminator Die
0011402005 MOLEX11-0011402005 Datasheet
24Kb / 1P
Terminator Die
0011402006 MOLEX11-0011402006 Datasheet
26Kb / 2P
Terminator Die
0011402009 MOLEX11-0011402009 Datasheet
24Kb / 1P
Terminator Die
0011402015 MOLEX11-0011402015 Datasheet
24Kb / 1P
Terminator Die
0011402099 MOLEX11-0011402099 Datasheet
24Kb / 1P
Terminator Die
0011402129 MOLEX11-0011402129 Datasheet
25Kb / 1P
Terminator Die
0011402143 MOLEX11-0011402143 Datasheet
24Kb / 1P
Terminator Die
0011402193 MOLEX11-0011402193 Datasheet
25Kb / 1P
Terminator Die
0011402214 MOLEX11-0011402214 Datasheet
25Kb / 2P
Terminator Die
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com