Electronic Components Datasheet Search
  English  ▼

X  

DM9016 Datasheet(PDF) 30 Page - Davicom Semiconductor, Inc.

Part # DM9016
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9016 Datasheet(HTML) 30 Page - Davicom Semiconductor, Inc.

Back Button DM9016 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 34Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
DM9016
3-port switch with Processor Interface
30
Preliminary datasheet
DM9016-13-DS-P01
March 26, 2009
6.38 Switch Control Register (52H)
Bit
Name
Default
Description
7
MEM_BIST
PH0,RO
Address Memory Test BIST Status
0: OK
1: Fail
6
RST_SW
P0,RW
Reset Switch Core
Write 1 to launch and clear automatically after 10us.
5
RST_ANLG
P0,RW
Reset Analog PHY Core
Write 1 to launch and clear automatically after 10us.
4:3
SNF_PORT
PHE00,RW Sniffer Port Number
2
CRC_DIS
PHE0,RW
Switch CRC Checking Disable
1:0
RESERVED
0,RO
Reserved
6.39 VLAN Control Register (53H)
Bit
Name
Default
Description
7
TOS6
PHE0,RW Full ToS Using Enable
0: check most significant 3-bit only of TOS
1: check most significant 6-bit of TOS
6
RESERVED
0,RO
Reserved
5
UNICAST
PHE0,RW Unicast Packet Can Across VLAN Boundary
4
VIDFFF
PHE0,RW Replace VID FFF
3
VID1
PHE0,RW Replace VID 001
2
VID0
PHE0,RW Replace VID 000
1
PRI
PHE0,RW Replace Priority Field in The Tag
0
VLAN
PHE0,RW VLAN Mode Enable
0: port-base VLAN
1: 802.1Q base VLAN mode enable
6.41 Bandwidth LED Control Register (55H)
Bit
Name
Default
Description
7,6
RESERVED
PH0,RW
Reserved
5
P2_TX
PH1,RW
Port 2 transmit as event of bandwidth LED source
4
P2_RX
PH0,RW
Port 2 receive as event of bandwidth LED source
3
P1_TX
PH1,RW
Port 1 transmit as event of bandwidth LED source
2
P1_RX
PH0,RW
Port 1 receive as event of bandwidth LED source
1
P0_TX
PH1,RW
Port 0 transmit as event of bandwidth LED source
0
P0_RX
PH0,RW
Port 0 receive as event of bandwidth LED source
6.42 STP Control Register (56H)
Bit
Name
Default
Description
7:1
RESERVED
0,RO
Reserved
0
STPEN
PS0,RW
Spanning Tree Protocol Enabled
6.43 DSP PHY Control Register (58H~59H)
58H:
Bit
Name
Default
Description
7:0
DSP_CTL1
PH0,RW
DSP Control Register 1 for testing only (register 58H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com