Electronic Components Datasheet Search
  English  ▼

X  

DM9106EP Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9106EP
Description  Three Port Ethernet Switch Controller with 32-bit PCI Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106EP Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9106EP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Ethernet Switch with two 10/100Mb PHY with 32-bit PCI Interface
Per port supports 4 priority queues by Port-based, 802.1P VLAN, and IP TOS priority.
Support 802.1Q VLAN up-to 16 VLAN group.
Support VLAN ID tag/untag options
Per port support bandwidth, ingress and egress rate control.
Support Broadcast Storming filter function
Support Store and Forward switching approach
Support IEEE 802.3x Flow Control in Full-duplex mode.
Support Back Pressure Flow Control in Half-duplex mode.
Recode up-to 1K Uni-cast MAC addresses
Automatic aging scheme
EEPROM interface for power up configurations
Support MIB-II counters
Support multicast filter function
TCP/IP checksum offload
Support IGMP Snooping v1, v2
Support port security
Support MII/RMII/Reverse-MII
WoL (Wake-on-LAN)
Compatible with 3.3V and 5.0V tolerant I/O
DSP PHY with HP Auto-MDIX, DSP architecture PHY Transceiver.
128-pin LQFP, 0.18 um process
Application
VoIP CPE (ATA, IP Phone, Video Phone)
IP STB, IPC, POS, Internet Radio
Ordering Information
Part Number
Pin Count
Package
DM9106EP
128
LQFP
(Pb-Free)
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com